Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6363CS Datasheet(PDF) 2 Page - ON Semiconductor

Part # FMS6363CS
Description  Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6363CS Datasheet(HTML) 2 Page - ON Semiconductor

  FMS6363CS Datasheet HTML 1Page - ON Semiconductor FMS6363CS Datasheet HTML 2Page - ON Semiconductor FMS6363CS Datasheet HTML 3Page - ON Semiconductor FMS6363CS Datasheet HTML 4Page - ON Semiconductor FMS6363CS Datasheet HTML 5Page - ON Semiconductor FMS6363CS Datasheet HTML 6Page - ON Semiconductor FMS6363CS Datasheet HTML 7Page - ON Semiconductor FMS6363CS Datasheet HTML 8Page - ON Semiconductor FMS6363CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
July 2009
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6363 • Rev. 1.0.4
FMS6363 — Low-Cost, Three-Channel,
6th-Order, High-Definition, Video Filter Driver
Features
Three Sixth-order 30MHz (HD) Filters
Transparent Input Clamping
Single Video Drive Load (2Vpp, 150
Ω = 6δβ)
AC or DC-coupled Inputs
AC or DC-coupled Outputs
DC-coupled Outputs Eliminate AC-coupling
Capacitors
5V Only
Robust 8kV ESD Protection
Package SOIC-8
Applications
Cable and Satellite Set-top Boxes
DVD Players
HDTV
Personal Video Recorders (PVR)
Video On Demand (VOD)
Description
The FMS6363 low-cost video filter (LCVF) is intended to
replace passive LC filters and drivers with a low-cost
integrated device. Three sixth-order filters provide
improved image quality compared to typical lower-order
passive solutions.
The FMS6363 may be directly driven by a DC-coupled
DAC output or an AC-coupled signal. Internal diode
clamps and bias circuitry may be used if AC-coupled
inputs are required (see Applications section for details).
The outputs can drive AC-or DC-coupled single (150
Ω)
loads. DC-coupling the outputs removes the need for
output coupling capacitors. The input DC levels are offset
approximately +280mV at the output (see Applications
section for details)
.
Block Diagram
IN1
IN2
IN3
OUT1
OUT2
OUT3
30MHz, 6th order
6d
B
Transparent Clamp
6d
B
Transparent Clamp
6d
B
Transparent Clamp
Figure 1. Block Diagram
Ordering Information
Part
Number
Operating
Temperature
Range
Eco
Status
Package
Packing
Method
Quantity
FMS6363CS
0 to 70°C
RoHS
8-Lead, Small Outline Integrated Circuit (SOIC)
Rail
95
FMS6363CSX
0 to 70°C
RoHS
8-Lead, Small Outline Integrated Circuit (SOIC)
Reel
2500
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com