Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB3300
Description  HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB3300 Datasheet HTML 3Page - SMSC Corporation USB3300 Datasheet HTML 4Page - SMSC Corporation USB3300 Datasheet HTML 5Page - SMSC Corporation USB3300 Datasheet HTML 6Page - SMSC Corporation USB3300 Datasheet HTML 7Page - SMSC Corporation USB3300 Datasheet HTML 8Page - SMSC Corporation USB3300 Datasheet HTML 9Page - SMSC Corporation USB3300 Datasheet HTML 10Page - SMSC Corporation USB3300 Datasheet HTML 11Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Hi-Speed USB Host or Device PHY with ULPI Low Pin Interface
SMSC USB3300
9
Revision 1.02 (02-16-05)
PRODUCT PREVIEW
Application Notes
Application Diagram
Figure 5 USB3300 Application Diagram
In addition to the 4.7uF VDD3.3 bypass capacitor, it is recommend that each power pin have a
capacitor to ground alternating between 0.1uF and 0.01uF (not shown for clarity).
GND FLAG
Ground
N/A
Ground. The flag must be connected to the ground
plane with a via array under the exposed flag. This
is the main ground for the IC.
Table 1 USB3300 Pin Definitions (continued)
PIN
NAME
DIRECTION,
TYPE
ACTIVE
LEVEL
DESCRIPTION
USB
Connector
(Standard
or Mini)
ULPI Interface
to LINK
5 Volt
Supply
VDD3.3
Fault
3.3 Volt
Supply
C
LOAD
CPEN
VBUS
ID
VDD3.3
DM
DP
DATA0
DATA7
(MSB)
DATA5
DATA6
DATA2
DATA3
DATA4
DATA1
12
C
LOAD
C
VBUS
Host Only
C
VBUS
Host
Device
OTG Device
Min
100uF
1uF
1uF
Max
10uF
6.5uF
USB3300
Hi-Speed USB2
ULPI PHY
32 Pin QFN
1
2
3
4
5
6
7
8
USB3300
Hi-Speed USB2
ULPI PHY
32 Pin QFN
GND FLAG
24
23
22
21
20
19
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com