Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 11 Page - SMSC Corporation

Part # USB3300
Description  HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button USB3300 Datasheet HTML 3Page - SMSC Corporation USB3300 Datasheet HTML 4Page - SMSC Corporation USB3300 Datasheet HTML 5Page - SMSC Corporation USB3300 Datasheet HTML 6Page - SMSC Corporation USB3300 Datasheet HTML 7Page - SMSC Corporation USB3300 Datasheet HTML 8Page - SMSC Corporation USB3300 Datasheet HTML 9Page - SMSC Corporation USB3300 Datasheet HTML 10Page - SMSC Corporation USB3300 Datasheet HTML 11Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Hi-Speed USB Host or Device PHY with ULPI Low Pin Interface
SMSC USB3300
11
Revision 1.02 (02-16-05)
PRODUCT PREVIEW
Package Outline
The USB3300 is offered in a compact 32 lead-free QFN package.
Figure 7 USB3300-EZK 32 Pin QFN Package Outline, 5 x 5 x 0.9 mm Body (Lead-Free)
Notes:
1. Controlling Unit: millimeter.
2. Dimension b applies to plated terminals and is measured between 0.15mm and 0.30mm from the
terminal tip. Tolerance on the true position of the leads is ± 0.05 mm at maximum material
conditions (MMC).
3. Details of terminal #1 identifier are optional but must be located within the zone indicated.
4. Coplanarity zone applies to exposed pad and terminals.
Table 2 32 Terminal QFN Package Parameters
MIN
NOMINAL
MAX
REMARKS
A
0.80
~
1.00
Overall Package Height
A1
0
~
0.05
Standoff
A2
0.60
~
0.80
Mold Thickness
A3
0.20 REF
Copper Lead-frame Substrate
D
4.85
~
5.15
X Overall Size
D1
4.55
~
4.95
X Mold Cap Size
D2
1.25
3.5
3.80
X exposed Pad Size
E
4.85
~
5.15
Y Overall Size
E1
4.55
~
4.95
Y Mold Cap Size
E2
1.25
3.5
3.80
Y exposed Pad Size
L
0.30
~
0.50
Terminal Length
e
0.50 Basic
Terminal Pitch
b
0.18
~
0.30
Terminal Width
ccc
~
~
0.08
Coplanarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com