Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB3300
Description  HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 1 Page - SMSC Corporation

  USB3300 Datasheet HTML 1Page - SMSC Corporation USB3300 Datasheet HTML 2Page - SMSC Corporation USB3300 Datasheet HTML 3Page - SMSC Corporation USB3300 Datasheet HTML 4Page - SMSC Corporation USB3300 Datasheet HTML 5Page - SMSC Corporation USB3300 Datasheet HTML 6Page - SMSC Corporation USB3300 Datasheet HTML 7Page - SMSC Corporation USB3300 Datasheet HTML 8Page - SMSC Corporation USB3300 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SMSC USB3300
PRODUCT PREVIEW
Revision 1.02 (02-16-05)
Data Brief
PRODUCT FEATURES
USB3300
Hi-Speed USB Host or
Device PHY with ULPI
Low Pin Interface
■ USB-IF “Hi-Speed” certified to the Universal Serial
Bus Specification Rev 2.0
■ Interface compliant with the ULPI Specification
revision 1.1 in 8-bit mode.
■ Industry standard UTMI+ Low Pin Interface (ULPI.)
Converts 54 UTMI+ signals into a standard 12 pin
Link controller interface.
■ Supports FS pre-amble for FS hubs with a LS device
attached (UTMI+ Level 3)
■ Supports HS SOF and LS keep-alive pulse.
■ Includes full support for the optional On-The-Go
(OTG) protocol detailed in the On-The-Go
Supplement Revision 1.0a specification.
■ Supports the OTG Host Negotiation Protocol (HNP)
and Session Request Protocol (SRP.)
■ Allows host to turn VBUS off to conserve battery
power in OTG applications.
■ Supports OTG monitoring of VBUS levels with
internal comparators. Includes support for an external
VBUS or fault monitor.
■ Low Latency Hi-Speed Receiver (43 Hi-Speed clocks
Max) allows use of legacy UTMI Links with a ULPI
wrapper.
■ Integrated Pull-up resistor on STP for interface
protection allows a reliable Link/PHY start-up with
slow Links (software configured for low power.)
■ Internal 1.8 volt regulators allow operation from a
single 3.3 volt supply.
■ Internal short circuit protection of ID, DP and DM
lines to VBUS or ground.
■ Integrated 24MHz Crystal Oscillator supports either
crystal operation or 24MHz external clock input.
■ Internal PLL for 480MHz Hi-Speed USB operation.
■ 54.7mA Unconfigured Current (typical) - ideal for bus
powered applications.
■ 83uA suspend current (typical) - ideal for battery
powered applications.
■ Full Commercial operating temperature range from
0C to +70C.
■ 32 pin QFN package; green, lead-free (5 x 5 x 0.90
mm height)


Similar Part No. - USB3300

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3300 SMSC-USB3300 Datasheet
719Kb / 49P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
USB3300 SMSC-USB3300 Datasheet
960Kb / 55P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
logo
Microchip Technology
USB3300 MICROCHIP-USB3300 Datasheet
1Mb / 53P
Hi-Speed USB Host, Device or OTG PHY
01/27/15
logo
SMSC Corporation
USB3300-EZK SMSC-USB3300-EZK Datasheet
719Kb / 49P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
USB3300-EZK SMSC-USB3300-EZK Datasheet
960Kb / 55P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
More results

Similar Description - USB3300

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3450 SMSC-USB3450 Datasheet
1Mb / 40P
HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
USB3280 SMSC-USB3280 Datasheet
977Kb / 42P
Hi-Speed USB Device PHY with UTMI Interface
USB3300 SMSC-USB3300_06 Datasheet
719Kb / 49P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
USB3500 SMSC-USB3500 Datasheet
749Kb / 46P
Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
USB3300 SMSC-USB3300_07 Datasheet
960Kb / 55P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
logo
Microchip Technology
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
USB3300 MICROCHIP-USB3300 Datasheet
1Mb / 53P
Hi-Speed USB Host, Device or OTG PHY
01/27/15
USB3500 MICROCHIP-USB3500 Datasheet
792Kb / 45P
Hi-Speed USB Host, Device or OTG PHY
07/14/15
USB3450 MICROCHIP-USB3450 Datasheet
740Kb / 39P
Hi-Speed USB Host or Device PHY With UTMI Interface
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com