Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPA100H-RUW Datasheet(PDF) 8 Page - Recom International Power

Part # RPA100H-RUW
Description  100 Watt Half Brick Single Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA100H-RUW Datasheet(HTML) 8 Page - Recom International Power

Back Button RPA100H-RUW Datasheet HTML 2Page - Recom International Power RPA100H-RUW Datasheet HTML 3Page - Recom International Power RPA100H-RUW Datasheet HTML 4Page - Recom International Power RPA100H-RUW Datasheet HTML 5Page - Recom International Power RPA100H-RUW Datasheet HTML 6Page - Recom International Power RPA100H-RUW Datasheet HTML 7Page - Recom International Power RPA100H-RUW Datasheet HTML 8Page - Recom International Power RPA100H-RUW Datasheet HTML 9Page - Recom International Power RPA100H-RUW Datasheet HTML 10Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
EMC Compliance
Condition
Standard / Criterion
Railway applications - Electromagnetic compatibility - Part 3-2: Rolling
stock - Apparatus
with external components
EN50121-3-2, 2015
Electromagnetic compatibility of multimedia equipment - Emission
requirements
with external components
EN55032 Class B
Industrial, scientific and medical equipment - Radio frequency disturbance
characteristics - Limits and methods of measurement
EN55011
Fire hazard testing - Part 11-10: Test flames - 50W horizontal and vertical
flame test methods
Vertical Flame Test
EN60695-11-10, 2013, HL1, HL2, HL3, V-0
Fire hazard testing - Part 2-11: Glowing/hot-wire based test methods; Glow-
wire flammability test method for end-products
30s ta glow-wire temp., 850°C
EN60695-2-11,2000, HL1, HL2, HL3
Plastics - Determination of burning behaviour by oxygen index - Part 2:
Ambient-temperature test
OI% (min) 42.6%
OI% (min) 36.8%
EN ISO 4589-2, 2006, HL1, HL2, HL3
EN ISO 4589-2, 1999 + A1,2006, HL1, HL2, HL3
ESD Electrostatic discharge immunity test
Air ±8kV, Contact ±6kV
EN61000-4-2, Criteria B
Radiated, radio-frequency, electromagnetic field immunity test
80-1000MHz, 20V/m
800-1000MHz, 20V/m
1400-2100MHz, 10V/m
2100-2500MHz, 5V/m
EN61000-4-3, Criteria A
Fast Transient and Burst Immunity
±2kV
EN61000-4-4, Criteria A
Surge Immunity
±1kV (diff), ±2kV (com)
EN61000-4-5, Criteria B
Immunity to conducted disturbances, induced by radio-frequency fields
10V
EN61000-4-6, Criteria A
continued on next page
PB-8
REV.: 0/2017
www.recom-power.com
DC/DC Converter
Specifications (measured @ ta = 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RPA100H-RUW
Series
EMC Filtering according to EN50121-3-2
C1
C4
C11
C12
C13 C14
4
5
6
7
8
9
10
3
2
1
C2
C3
+VIN
-VIN
L1
EN55022
C5 C7
C8 C10
C9
C6
L2
C15
C16
C19
C20
C17
C18
C21
C22
Fuse
C2
C1
C6
C7
C8
C10
C9
4
5
6
7
8
9
10
3
2
1
C3
MOV
C4
C5
+VIN
-VIN
L1
EN50155
MOV
C1
C2, C3, C4, C5
L1
C6, C7
C8
C9, C10
EPCOS
B72207S0131K101
100nF
275VAC
1000pF, 300VAC
1mH
CMC
0.47µF
250V
100µF
200V
120µF
200V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com