Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPA100H-RUW Datasheet(PDF) 1 Page - Recom International Power

Part # RPA100H-RUW
Description  100 Watt Half Brick Single Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA100H-RUW Datasheet(HTML) 1 Page - Recom International Power

  RPA100H-RUW Datasheet HTML 1Page - Recom International Power RPA100H-RUW Datasheet HTML 2Page - Recom International Power RPA100H-RUW Datasheet HTML 3Page - Recom International Power RPA100H-RUW Datasheet HTML 4Page - Recom International Power RPA100H-RUW Datasheet HTML 5Page - Recom International Power RPA100H-RUW Datasheet HTML 6Page - Recom International Power RPA100H-RUW Datasheet HTML 7Page - Recom International Power RPA100H-RUW Datasheet HTML 8Page - Recom International Power RPA100H-RUW Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
100 Watt
Half Brick
Single Output
PB-1
REV.: 0/2017
www.recom-power.com
DC/DC Converter
3 YEAR
warranty
3
E224736
RPA100H-RUW
Selection Guide
Part Number
Nom. Input
Output
Output
Efficiency
Max. Capacitive
Voltage Range(1)
Voltage
Current
typ.(2)
Load(3)
[VDC]
[VDC]
[A]
[%]
[µF]
RPA100H-11012SRUW(4)
16.8-137.5
12
8.5
90
2200
RPA100H-11024SRUW(4)
16.8-137.5
24
4.2
88
1000
Ordering Examples
RPA100H-11012SRUW/P = 110V Input, 12V Output, Single, Pos. CTRL function
RPA100H-11012SRUW/N = 110V Input, 12V Output, Single, Neg. CTRL function
Model Numbering
Notes:
Note4: standard part is with suffix “P” for positive logic (1=ON, 0=OFF)
or add suffix “N” instead for negative logic (0=ON, 1=OFF)
Description
The half-brick RPA100H series DC/DC converter is designed for railway rolling stock and high voltage
battery applications. It has a 10:1 input voltage range to cover all input voltages from nominal 24VDC up
to 110VDC (including EN50155 transients) in a single product and offers isolated and regulated 12V or
24VDC outputs. The converter has a consistently high efficiency over the entire input voltage range and
comes with a metal baseplate to permit a wide operating temperature range from -40°C to +97°C (when
suitably cooled). The case is fitted with threaded inserts to allow secure mounting to the PCB or bulk-
head for use in high shock and vibration environments. The converter is compliant to EN50155 and
certified to UL/IEC/EN60950 and comes with a three year warranty.
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
Pi-Type
Input Voltage Range
start up Vin = 110VDC
16.8VDC
110VDC
137.5VDC
Input Surge Voltage
<100ms
156VDC
Under Voltage Lockout (UVLO)
DC-DC ON
DC-DC OFF
15.6VDC
13.6VDC
16.0VDC
14.0VDC
16.4VDC
14.4VDC
Over Voltage Lockout (OVLO)
DC-DC ON
DC-DC OFF
142VDC
154VDC
146VDC
156VDC
150VDC
160VDC
Input Current Range
Vin = 16.8V
7A
7.2A
7.5A
continued on next page
Specifications (measured @ ta = 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
Input Voltage
Output Voltage
Single
RPA100H-__ __ SRUW/_
CTRL Logic(4)
Railway Ultra Wide Input
Features
Regulated
Converters
• 10:1 Ultra wide input voltage range
• 3kVAC/1 Minute reinforced insulation
• UL/IEC/EN60950-1certified, CE marked
• EN50155 Compliant
• Efficiency up to 90%
• -40°C To +100°C Baseplate temperature range
Notes:
Note1: Refer to input voltage graph
Note2: Efficiency is tested at nominal input and full load at +25°C ambient
Note3: Max. Cap Load is tested at nominal input and full resistive load
UL60950-1 certified
IEC/EN60950-1 certified
EN50155 Compliant
CE marked


Similar Part No. - RPA100H-RUW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPA100H-RUW RECOM-RPA100H-RUW Datasheet
2Mb / 11P
100 Watt Half Brick Single Output
RPA100H-RUW RECOM-RPA100H-RUW_18 Datasheet
2Mb / 11P
100 Watt Half Brick Single Output
More results

Similar Description - RPA100H-RUW

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VKA100XS CANDD-VKA100XS Datasheet
463Kb / 4P
100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
100 Watt Single Output Half Brick DC/DC Converter
VKA60LS03C MURATA-PS-VKA60LS03C Datasheet
219Kb / 4P
60 Watt Single Output Half Brick
logo
Recom International Pow...
RPA200H-RUW RECOM-RPA200H-RUW Datasheet
2Mb / 10P
200 Watt Half Brick Single Output
RPA100H-RUW RECOM-RPA100H-RUW_18 Datasheet
2Mb / 11P
100 Watt Half Brick Single Output
RPA200H-RUW RECOM-RPA200H-RUW_18 Datasheet
2Mb / 11P
200 Watt Half Brick Single Output
logo
DATEL, Inc.
HBR113S12-8.3 DATEL-HBR113S12-8.3 Datasheet
132Kb / 1P
Half-Brick, Railway 100-Watt, 12 Volts Output
HBR113S15-6.7 DATEL-HBR113S15-6.7 Datasheet
132Kb / 1P
Half-Brick, Railway 100-Watt, 15 Volts Output
HBR113S24-4.17 DATEL-HBR113S24-4.17 Datasheet
132Kb / 1P
Half-Brick, Railway 100-Watt, 24 Volts Output
HBR113S48-2.08 DATEL-HBR113S48-2.08 Datasheet
132Kb / 1P
Half-Brick, Railway 100-Watt, 28 Volts Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com