Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPA100H-RUW Datasheet(PDF) 5 Page - Recom International Power

Part # RPA100H-RUW
Description  100 Watt Half Brick Single Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA100H-RUW Datasheet(HTML) 5 Page - Recom International Power

  RPA100H-RUW Datasheet HTML 1Page - Recom International Power RPA100H-RUW Datasheet HTML 2Page - Recom International Power RPA100H-RUW Datasheet HTML 3Page - Recom International Power RPA100H-RUW Datasheet HTML 4Page - Recom International Power RPA100H-RUW Datasheet HTML 5Page - Recom International Power RPA100H-RUW Datasheet HTML 6Page - Recom International Power RPA100H-RUW Datasheet HTML 7Page - Recom International Power RPA100H-RUW Datasheet HTML 8Page - Recom International Power RPA100H-RUW Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
REGULATION
Parameter
Condition
Value
Output Accuracy
±1.0% max.
Line Regulation
Vin = 16.8 to 137.5V, Iout = full load
±0.01% typ. to ±0.2% max.
Load Regulation
Iout = Iout min to Iout max.
±0.05% typ. to ±0.2% max.
Transient Response
0.1A/µs
12Vout
50% Iout max to 75%
75% Iout max to 50%
400mV max.
400mV max.
24Vout
50% Iout max to 75%
75% Iout max to 50%
500mV max.
500mV max.
DC/DC Converter
Specifications (measured @ ta = 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RPA100H-RUW
Series
PB-5
REV.: 0/2017
www.recom-power.com
Accuracy vs Load
RPA100H-11024SRUW
RPA100H-11012SRUW
PROTECTION
Parameter
Condition
Value
Over Voltage Protection (OVP)
110-130%, auto recovery
Over Current Protection (OCP)
hiccup Mode
Over Temperature Protection (OTP)
@ tc point
+105°C, automatic recovery after cooling down
Isolation Voltage(5)
I/P to O/P
I/P to Base
O/P to Base
rated for 1 minute
3kVAC, 4.2kVDC
3kVAC, 4.2kVDC
3kVAC, 4.2kVDC
Isolation Resistance
10M
Ω typ.
Isolation Capacitance
500pF
Leakage Current
0.42mA
Insulation Grade
Reinforced
Notes:
Note5: For repeat Hi-Pot testing, reduce the time and/or the test voltage
Note6: An input fuse is required if the mains supply is not over-current protected. Recommended fuse T20A slow blow type
Output Current [A]
0
0
2
1
-1
0.8
0.2
-0.2
0.4
-0.4
-0.6
-0.8
0.6
4
6
8
8.5
72V
110V
137.5V
16.8V
24V
36V
48V
Output Current [A]
0
2
1
3
4 4.5
0
1
-1
0.8
0.2
-0.2
0.4
-0.4
-0.6
-0.8
0.6
72V
110V
137.5V
16.8V
24V
36V
48V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com