Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED890-40D52 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED890-40D52
Description  Product Name LED Lamp with PD Monitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED890-40D52 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED890-40D52 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
18.08.2010
led890-pd010_40d52.doc
1 of 1
LED890/PD010-40D52
metal can sealed PD monitoring high power LED LED890/PD010-40D52 consists of a
GaAlAs LED 890nm and a Si-PD mounted onTO-18 stem hermetically sealed with a
glass flat can, and is designed to monitor reflected light through detector for controlling its
own output power
Outer dimension (Unit:mm)
Specifications
Product Name LED Lamp with PD Monitor
Type No. LED890/PD010-40D52
Chip
Chip material GaAlAs , Si ( PIN )
Peak wavelength 890 nm
Package
Stem TO-18
Lens f2.4 Flat Glass
Can Metal Can ( Gold Plate )
Absolute Maximum Ratings [Ta=25°C]
Device
Item
Symbol
Maximum Rated
Unit
LED
Power Dissipation
PD
150
mW
LED
Forward Current
IF
100
mA
LED
Pulse Forward Current
IFP
1000
A
LED
Reverse Voltage
VR
5
V
PD
Reverse Voltage
VR
100
V
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-30 ~ +100
°C
Soldering Temperature
TSOL
260
°C
‡Soldering condition: Soldering condition must be completed within 3 seconds at 250°C
Electro-Optical Charactaristics [Ta=25°C]
Item
Symbol
Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF=50mA
1.45
1.70
V
Reverse Current
IR
VR=5V
10
uA
Total Radiated Power
PO
IF=50mA
2.5
5.0
mW
Radiant Intensity
IE
IF=50mA
2.0
4.0
mW/sr
Peak Wavelength
lP
IF=50mA
890
nm
Half Width
Dl
IF=50mA
50
nm
Viewing Half Angle
Q1/2
IF=50mA
±40
deg.
Rise Time
tr
IF=50mA
800
ns
Fall Time
tf
IF=50mA
400
ns
Output Current
IL
VR=0V
130
260
uA
Dark Current
ID
VR=10V
10
nA
‡Total Radiated Power is measured by Photodyne #500


Similar Part No. - LED890-40D52

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED890-66-60 ROITHNER-LED890-66-60 Datasheet
129Kb / 2P
High Power LED Array
More results

Similar Description - LED890-40D52

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U479B ATMEL-U479B Datasheet
138Kb / 8P
Automotive Lamp-outage Monitor IC
logo
List of Unclassifed Man...
U2481B ETC-U2481B Datasheet
151Kb / 11P
Automotive Lamp Outage Monitor
logo
TEMIC Semiconductors
U2480B TEMIC-U2480B Datasheet
343Kb / 8P
Automotive Lamp Outage Monitor
logo
Analog Devices
AD8240 AD-AD8240 Datasheet
223Kb / 12P
LED Driver/Monitor
4/04-Revision 0
logo
ATMEL Corporation
U479B ATMEL-U479B_07 Datasheet
184Kb / 7P
Automotive Lamp-outage Monitor IC
logo
Roithner LaserTechnik G...
LED810-40D52 ROITHNER-LED810-40D52 Datasheet
60Kb / 1P
Product Name LED Lamp with PD Monitor
logo
Linear Technology
LT3796 LINER-LT3796 Datasheet
331Kb / 8P
100V LED Controller with Current Monitor
logo
List of Unclassifed Man...
KCD1-104 ETC2-KCD1-104 Datasheet
388Kb / 4P
Product Name: Rocker Switch.
logo
AVX Corporation
SQCA2A620FA71A AVX-SQCA2A620FA71A Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
logo
Freescale Semiconductor...
MPXY8300 FREESCALE-MPXY8300 Datasheet
1Mb / 164P
Tire Pressure Monitor Sensor Product Specification
Rev 4, 05/2009
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com