Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE39423 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE39423
Description  SMA Male to SMA Male Semi-Flexible Cable Using PE-SR402FL Coax, LF Solder, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39423 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE39423_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39423_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39423_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39423_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
5
10
18
GHz
Insertion Loss (Typ.)
0.119
0.28
0.421
0.6
dB/ft
[0.39]
[0.92]
[1.38]
[1.97]
[dB/m]
.
Electrical Specification Notes:
Insertion loss does not include the loss of the connectors.
Insertion loss is estimated as 0.05 x sqrt(fGHz) dB per connector.
Mechanical Specifications
Cable Assembly
.
Weight
0.038 lbs [17.24 g]
Cable
Cable Type
PE-SR402FL
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Outer Conductor Material and Plating
Tinned Copper Braid
Outer Conductor Diameter
0.141 in [3.58 mm]
.
Repeated Minimum Bend Radius
0.75 in [19.05 mm]
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
SMA Male
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Gold
Brass, Gold
Dielectric Type
PTFE
PTFE
Body Material and Plating
Brass, Gold
Brass, Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Hex Size
5/16 inch
5/16 inch
Torque
8 in-lbs [0.9 Nm]
8 in-lbs [0.9 Nm]
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
PE39423 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Semi-Flexible Cable Using PE-SR402FL Coax, LF Solder, RoHS
PE39423
RF Cable Assemblies Technical Data Sheet
PE39423
SMA Male to SMA Male Semi-Flexible Cable
Using PE-SR402FL Coax, LF Solder, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com