Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE39423 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE39423
Description  SMA Male to SMA Male Semi-Flexible Cable Using PE-SR402FL Coax, LF Solder, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39423 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE39423_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39423_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39423_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39423_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
How to Order
Part Number Configuration:
PE39423
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE39423-12 = 12 inches long cable
PE39423-100cm = 100 cm long cable
SMA Male to SMA Male Semi-Flexible Cable Using PE-SR402FL Coax, LF Solder, RoHS from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Semi-Flexible Cable Using PE-SR402FL Coax, LF Solder, RoHS
PE39423
URL:
https://www.pasternack.com/sma-male-sma-male-pe-sr402fl-cable-assembly-pe39423-p.aspx
PE39423 REV 1.1
RF Cable Assemblies Technical Data Sheet
SMA Male to SMA Male Semi-Flexible Cable
Using PE-SR402FL Coax, LF Solder, RoHS
PE39423



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com