Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE39423 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE39423
Description  SMA Male to SMA Male Semi-Flexible Cable Using PE-SR402FL Coax, LF Solder, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39423 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE39423_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39423_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39423_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39423_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMA Male
• Cable Type: PE-SR402FL
Features
• Anti-Torque SMA Connectors
• Dimensionally and electrically the same as standard,
solid outer conductor semi-rigid coax
• Cable may be formed by hand and does not require
special tools to bend
• May be formed more than once without damaging the
outer conductor
• High RF Shielding >100 dB
• 100% Hi-Pot and Continuity Tested
• 100% VSWR tested to max frequency of assembly
• Standard and custom lengths ship the same day
0.141
[3.581]
Applications
• General Purpose
• Laboratory Use
.
Description
Pasternack’s formable cable assemblies are hand formable semi-rigid replacements that are an alternative to costly preformed
assemblies. The formable semi-rigid cable alternatives are dimensionally and electrically similar to their semi-rigid counterpart
and have a tinned copper braid outer shield that provides excellent RF shielding. The hand formable cable assemblies from
Pasternack do not require special tooling to shape or reshape the assemblies and can replace standard semi-rigid versions.
The assemblies are available with or without a FEP jacket and are RoHS compliant.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.35:1
Velocity of Propagation
69.5
%
RF Shielding
100
dB
Capacitance
29 [95.14]
pF/ft [pF/m]
Operating Voltage (AC)
335
Vrms
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Semi-Flexible Cable Using PE-SR402FL Coax, LF Solder, RoHS
PE39423
PE39423 REV 1.1
SMA Male to SMA Male Semi-Flexible Cable
Using PE-SR402FL Coax, LF Solder, RoHS
RF Cable Assemblies Technical Data Sheet
PE39423


Similar Part No. - PE39423_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39423-12 PASTERNACK-PE39423-12 Datasheet
382Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 12 Inch Length Using PE-SR402FL Coax, LF Solder, RoHS
PE39423-18 PASTERNACK-PE39423-18 Datasheet
382Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 18 Inch Length Using PE-SR402FL Coax, LF Solder, RoHS
More results

Similar Description - PE39423_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39423 PASTERNACK-PE39423 Datasheet
336Kb / 4P
SMA Male to SMA Male Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39425 PASTERNACK-PE39425 Datasheet
335Kb / 3P
SMA Male to SMA Male Right Angle Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39426 PASTERNACK-PE39426 Datasheet
335Kb / 3P
SMA Male to SMA Female Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39415 PASTERNACK-PE39415_16 Datasheet
370Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable Using PE-SR405FL Coax, LF Solder, RoHS
PE39423-3 PASTERNACK-PE39423-3 Datasheet
382Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 3 Inch Length Using PE-SR402FL Coax, LF Solder, RoHS
PE39423-6 PASTERNACK-PE39423-6 Datasheet
383Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 6 Inch Length Using PE-SR402FL Coax, LF Solder, RoHS
PE39423-9 PASTERNACK-PE39423-9 Datasheet
382Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 9 Inch Length Using PE-SR402FL Coax, LF Solder, RoHS
PE39423-12 PASTERNACK-PE39423-12 Datasheet
382Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 12 Inch Length Using PE-SR402FL Coax, LF Solder, RoHS
PE39423-18 PASTERNACK-PE39423-18 Datasheet
382Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 18 Inch Length Using PE-SR402FL Coax, LF Solder, RoHS
PE39423-24 PASTERNACK-PE39423-24 Datasheet
382Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 24 Inch Length Using PE-SR402FL Coax, LF Solder, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com