Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G53AS-DC48 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G53AS-DC48
Description  Miniature Type, Heavy contact load up to 4000VA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G53AS-DC48 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G53AS-DC48 Datasheet HTML 1Page - List of Unclassifed Manufacturers G53AS-DC48 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Arrangement
1 Form A, 1 Form B, 1 Form C
Switching Current (Max.)
20A
Switching Voltage (Max.)
277VAC
Material
AgCdO
Resistance
£
50mW at 1A. 30 VDC
Electrical Life
10 operations @ 1 HP, 240VAC, Motor
G53
n Coil Data
Operate Time
»
15ms
Release Time
»
5ms
Initial Dielectric Strength
4000VAC, 1 min., between contacts and coil
1000VAC, 1 min., between open contacts
Insulation Resistance
1000MW, min. at 500VDC
Shock Resistance
100m/s² (Malfunction)
Vibration Resistance
DoubleAmplitude1.5mm,10-55Hz
Coil Consumption
Standard: 750mW
Sensitive: 530mW
AmbientTemperature
-40°C to +85°C
Weight
18.5g approx.
n Characteristics
n Contact Data
n Features
• Miniature Type, Heavy contact load up to 4000VA
• 0.8mm contact spacing, 4KV dielectric coil to contacts
• UL class B insulation system
n Typical Applications
• Remote Controlled TV
• Refrigerating
• Air Conditioning
• Washer
• Copying Press
65 SHARK RIVER ROAD, NEPTUNE, NEW JERSEY 07753-7423
(732) 922-6333 Phone
(732) 922-6363 Fax
NominalVoltage
Resistance (W)±10%
Must Operate
Must Release
(VDC)
Standard
Sensitive .
Voltage Max (V)
Voltage Min (V)
5
36
47
3.6
0.5
6
50
69
4.3
0.6
9
155
160
6.5
0.9
12
200
275
8.6
1.2
18
460
620
13.0
1.8
24
820
1100
17.3
2.4
48
3300
4400
34.6
4.8
60
5100
6880
43.2
6.0
110
16200
79.5
11.0
Mechanical Life
10 operations
7
5
0.5 x 10 operations @ 16A, 277VAC/24VDC, Resistive
0.2 x 10 operations @ 20A, 277VAC/24VDC, Resistive
0.25 x 10 operations @ 8A, 120VAC, Tungsten
5
5
5
UL E1555UL E155906
C-UL E155906


Similar Part No. - G53AS-DC48

ManufacturerPart #DatasheetDescription
logo
Heyco.
G5300 HEYCO-G5300 Datasheet
114Kb / 1P
Plugs for Square Tubing
G5301 HEYCO-G5301 Datasheet
114Kb / 1P
Plugs for Square Tubing
logo
E-SWITCH
G530101 E-SWITCH-G530101 Datasheet
39Kb / 1P
All Dimension In MM
G530102 E-SWITCH-G530102 Datasheet
40Kb / 1P
All Dimension In MM
G530103 E-SWITCH-G530103 Datasheet
40Kb / 1P
All Dimension In MM
More results

Similar Description - G53AS-DC48

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVFS DBLECTRO-NVFS Datasheet
103Kb / 2P
Small size and light weight. Heavy contact load (30A)
NVF4-5 DBLECTRO-NVF4-5 Datasheet
119Kb / 2P
Contact load capacity up to 30A
NVF4-5 DBLECTRO-NVF4-5_05 Datasheet
294Kb / 2P
Contact load capacity up to 30A
NVFS DBLECTRO-NVFS_05 Datasheet
303Kb / 2P
Small size and light weight. Heavy contact load (30A).
NVF4-6 DBLECTRO-NVF4-6 Datasheet
327Kb / 2P
Contact load capacity up to 150A
logo
HuaXinAn Electronics CO...
NV23K-A HUAXINAN-NV23K-A Datasheet
375Kb / 1P
Heavy contact load switching current up to 30A.
NV23K-C HUAXINAN-NV23K-C Datasheet
375Kb / 1P
Heavy contact load switching current up to 30A
NV2312A HUAXINAN-NV2312A Datasheet
423Kb / 1P
Heavy contact load switching current up to 30A.
NV2312C HUAXINAN-NV2312C Datasheet
423Kb / 1P
Heavy contact load switching current up to 30A.
logo
TE Connectivity Ltd
41063 TEC-41063 Datasheet
431Kb / 2P
Switching capacity 4000VA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com