Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2005 Datasheet(PDF) 21 Page - SMSC Corporation

Part # TMC2005
Description  5 Port HUB Controller Device
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2005 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button TMC2005 Datasheet HTML 17Page - SMSC Corporation TMC2005 Datasheet HTML 18Page - SMSC Corporation TMC2005 Datasheet HTML 19Page - SMSC Corporation TMC2005 Datasheet HTML 20Page - SMSC Corporation TMC2005 Datasheet HTML 21Page - SMSC Corporation TMC2005 Datasheet HTML 22Page - SMSC Corporation TMC2005 Datasheet HTML 23Page - SMSC Corporation TMC2005 Datasheet HTML 24Page - SMSC Corporation TMC2005 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
SMSC DS – TMC2005
Page 21
Rev. 10/24/2000
PORT GROUP
The five ports can be divided into three groups (group A: two ports, group B: two ports, extension port: one port) and
each group can select TX/RX polar, noise cut mode, and big jitter mode respectively. Select pins for each group are
as follows:
FUNCTION
GROUP A
GROUP B
EXTENSION
RECEIVE
RXINA0, 1
RXINB0, 1
EXTRX
TRANSMIT
TXENA0, 1
TXENB0, 1
EXTTX
RX POLARITY
SA
SB
SE
TX POLARITY
LA
LB
LE
TX CONTROL
MA
MB
ME
NOISE CUT
nMBA
nMBB
nMBE
BIG JITTER
nBJA
nBJB
nBJE
EXTENSION
nEXTOD
Various Setup
Example For Operation Mode Setup To Each Port
SA, SB, SE
LA, LB, LE
MA, MB, ME
RX POLAR
TX POLAR
TRANSCEIVER
1
0
1
Active Low
Active Low
HYC2485S/HYC2488S
0
1
0
Active High
Active High
Optical Transceiver
0
0
1
Active High
Active Low
HYC9088/HYC9068
1
1
1
Active Low
Active High
RS485 Transceiver
Note for Unused port
Unused ports can be left open because RX port (RX input), RX polar (S input), TX polar (L input), TX control (M
input) pins have internal pull-up resistors. Because of internal pull-up resistors, select pins for noise cut (nMB
input), big jitter (nBJ input) can be left open when used for setting “OFF”.
Example for Power-On Reset Circuit
FIGURE 9 - POWER-ON RESET
+5V
TMC2005
39
nRST
TMC2005
39
nRST
Rp
10K
Cp
4.7uF
Ct
0.1uF
3
2
MB3771/NJM2103
1
2
3
4
5
6
7
8
1
2T
2T
2T
2T
2T
2T
2T
POWER-ON RESET CIRCUIT (C, R)
POWER-ON RESET CIRCUIT (POR IC)
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com