Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2005 Datasheet(PDF) 30 Page - SMSC Corporation

Part # TMC2005
Description  5 Port HUB Controller Device
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2005 Datasheet(HTML) 30 Page - SMSC Corporation

Back Button TMC2005 Datasheet HTML 24Page - SMSC Corporation TMC2005 Datasheet HTML 25Page - SMSC Corporation TMC2005 Datasheet HTML 26Page - SMSC Corporation TMC2005 Datasheet HTML 27Page - SMSC Corporation TMC2005 Datasheet HTML 28Page - SMSC Corporation TMC2005 Datasheet HTML 29Page - SMSC Corporation TMC2005 Datasheet HTML 30Page - SMSC Corporation TMC2005 Datasheet HTML 31Page - SMSC Corporation TMC2005 Datasheet HTML 32Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
SMSC DS – TMC2005
Page 30
Rev. 10/24/2000
DC CHARACTERISTIC - OUTPUT PIN
SYMBOL
ITEM
CONDITION
MIN
MAX
UNIT
PIN
VOH
High Level Output Voltage
IOH=-4mA
2.4
V
1,9,43,48,
52,57
VOH
High Level Output Voltage
IOH=-8mA
2.4
V
11,42,44
VOL
Low Level Output Voltage
IOL=4mA
0.4
V
1,9,43,48,
52,57
VOL
Low Level Output Voltage
IOL=8mA
0.4
V
11,42,44
AC CHARACTERISTIC - CLOCK and RESET
ITEM
SYMBOL
MIN
TYP
MAX
UNIT
CONDITION
Generating Static Time
tx
4
mS
Clock Cycle
tCYC
50
nS
Note 1
Clock Frequency Deflection
tCDF
-100
100
ppm
Note 1
Clock Pulse Width
tCW
20
nS
Note 1
Reset Pulse Width
ttRSW
200
nS
Note 1
Note 1: Use only F=20MHz
Note 2: VDD=4.5V
FIGURE 18 - CLOCK AND RESET
XTLI
tCW
tCYC
tCW
nRST
tRSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com