Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2005 Datasheet(PDF) 10 Page - SMSC Corporation

Part # TMC2005
Description  5 Port HUB Controller Device
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2005 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button TMC2005 Datasheet HTML 6Page - SMSC Corporation TMC2005 Datasheet HTML 7Page - SMSC Corporation TMC2005 Datasheet HTML 8Page - SMSC Corporation TMC2005 Datasheet HTML 9Page - SMSC Corporation TMC2005 Datasheet HTML 10Page - SMSC Corporation TMC2005 Datasheet HTML 11Page - SMSC Corporation TMC2005 Datasheet HTML 12Page - SMSC Corporation TMC2005 Datasheet HTML 13Page - SMSC Corporation TMC2005 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
SMSC DS – TMC2005
Page 10
Rev. 10/24/2000
Other Signals
FEATURES
NAME
INPUT/
OUTPUT
DESCRIPTION
CRYSTAL INTERFACE
XTLI
INPUT
Connect a 20MHz crystal.
When supplying an external clock,
input the clock to this pin.
CRYSTAL INTERFACE
XTLO
OUTPUT
Connect a 20MHz crystal.
When supplying an external clock, it
must be open.
SYSTEM RESET
INTERFACE
nRST
INPUT
Reset for initializing TMC2005. (active
Low)
TEST PIN
CKO
OUTPUT
Output internal clock of TMC2005.
TEST PIN
nCKOEN
INPUT
Output control of CKO.
0: Output internal clock on CKO.
1: Always output Low level on CKO.
Set “1” Normally.
TEST PIN
RXFLT
INPUT
It must be open
TEST PIN
NC [1:2]
It must be open
POWER SUPPLY
VDD [1:6]
Power supply (+5V)
GROUND
VSS [1:8]
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com