Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0142AT Datasheet(PDF) 9 Page - ON Semiconductor

Part # AS0142AT
Description  CMOS Digital Image Sensor and Signal Processor Stack Chip
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0142AT Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AS0142AT Datasheet HTML 5Page - ON Semiconductor AS0142AT Datasheet HTML 6Page - ON Semiconductor AS0142AT Datasheet HTML 7Page - ON Semiconductor AS0142AT Datasheet HTML 8Page - ON Semiconductor AS0142AT Datasheet HTML 9Page - ON Semiconductor AS0142AT Datasheet HTML 10Page - ON Semiconductor AS0142AT Datasheet HTML 11Page - ON Semiconductor AS0142AT Datasheet HTML 12Page - ON Semiconductor AS0142AT Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
AS0142AT
www.onsemi.com
9
Table 4. PACKAGE PINOUT
ON−CHIP REGULATOR
The AS0142AT has an on−chip regulator that outputs
1.2 V target voltage. The regulator should only be used to
power AS0142AT internal core
. It is also possible to bypass
the regulator and provide power to relevant AS0142AT
internal core that needs 1.2 V. The following table
summarizes the configuration of using or bypassing
AS0142AT internal regulator.
Table 5. AS0142AT REGULATOR MODE CONFIGURATION
Pinout Name
Internal Regulator
External Regulator
REG_1V8
1.8 V Nominal
Tied to 1V8/2V8/3V3_IO
ENLDO
Tied to REG_1V8
Tied to GND
EXT_REG
GND
Tied to 1V8/2V8/3V3_IO
LDO_1V2
1.2 V nominal (Output)
Floating (No Connection)
VDD_1V2
Tied with LDO_1V2
External 1.2 V Nominal Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com