Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0142AT Datasheet(PDF) 39 Page - ON Semiconductor

Part # AS0142AT
Description  CMOS Digital Image Sensor and Signal Processor Stack Chip
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0142AT Datasheet(HTML) 39 Page - ON Semiconductor

Back Button AS0142AT Datasheet HTML 35Page - ON Semiconductor AS0142AT Datasheet HTML 36Page - ON Semiconductor AS0142AT Datasheet HTML 37Page - ON Semiconductor AS0142AT Datasheet HTML 38Page - ON Semiconductor AS0142AT Datasheet HTML 39Page - ON Semiconductor AS0142AT Datasheet HTML 40Page - ON Semiconductor AS0142AT Datasheet HTML 41Page - ON Semiconductor AS0142AT Datasheet HTML 42Page - ON Semiconductor AS0142AT Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
AS0142AT
www.onsemi.com
39
INPUT CLOCKS
Table 28. INPUT CLOCKS
Clock
Min (MHz)
Typical (MHz)
Max (MHz)
Description
EXTCLK
10 (without XTAL)
20 (with XTAL)
27
29
Primary system clock. Drives PLLs. Crystal frequency range is
20-29 MHz, otherwise 10-29 MHz.
OUTPUT CLOCKS
Table 29. Output Clocks
Clock
MIN (MHz)
Typical (MHz)
Max (MHz)
Description
PIXCLK
18
74.25/25
80/125
Clock of parallel output bus.
If pad voltage is 1.8 V nominal, then max frequency is 80 MHz.
If pad voltage is 2.5 V, the hold time will decrease to 1.9 ns from
2.0 ns @ 125 MHz
If pad voltage is 3.3V, then the max frequency is 125Mhz.
SPI_SCLK
1.2
20
SPI clock to nonvolatile external memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com