Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS0142AT Datasheet(PDF) 13 Page - ON Semiconductor

Part # AS0142AT
Description  CMOS Digital Image Sensor and Signal Processor Stack Chip
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0142AT Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AS0142AT Datasheet HTML 9Page - ON Semiconductor AS0142AT Datasheet HTML 10Page - ON Semiconductor AS0142AT Datasheet HTML 11Page - ON Semiconductor AS0142AT Datasheet HTML 12Page - ON Semiconductor AS0142AT Datasheet HTML 13Page - ON Semiconductor AS0142AT Datasheet HTML 14Page - ON Semiconductor AS0142AT Datasheet HTML 15Page - ON Semiconductor AS0142AT Datasheet HTML 16Page - ON Semiconductor AS0142AT Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
AS0142AT
www.onsemi.com
13
Figure 7. Hard Standby Operation
Table 9. HARD STANDBY SIGNAL TIMING
Symbol
Parameter
Min
Typ
Max
Unit
t1
Standby entry complete
–
–
2 Frames
Lines
t2
Active EXTCLK required after going into STANDBY mode
10
–
–
EXTCLKs
t3
Active EXTCLK required before STANDBY
de−asserted
10
–
–
EXTCLKs
SOFT STANDBY
A soft standby sequence to AS0142AT can be activated by
writing to a register through the two−wire serial interface.
AS0142AT settings could be preserved.
DEVICE CONFIGURATION
After power is applied and the device is out of reset (either
the power on reset, hard or soft reset), it will enter a boot
sequence to configure its operating mode
. There are
essentially three configuration modes: Flash/EEPROM
Config, Auto Config, and Host Config.
The
AS0142AT
firmware
supports
a
System
Configuration phase at start−up. This consists of two
sub−groups of execution:
Flash detection, then one of the following:
a. Flash Config
b. Auto Config
c. Host Config
The System Configuration phase is entered immediately
following power−up or reset. Firmware will then performs
Flash Detection that attempts to detect the presence of an SPI
Flash or EEPROM device:
• If a device is detected, the firmware switches to the
Flash−Config mode.
• If no device is detected, the firmware then samples the
SPI_SDI pin state to determine the next mode:
♦ If SPI_SDI is low, then it enters the Host−Config
mode.
♦ If SPI_SDI is high
, then it enters the Auto−Config
mode.
In the Flash Config mode, the firmware interrogates the
device to determine if it contains valid configuration
records:
• If no records are detected, then the firmware enters the
Host Config mode.
• If records are detected, the firmware processes them.
By default, when all Flash records are processed the
firmware switches to the Host−Config mode. However,
the records encoded into the Flash can optionally be
used to instruct the firmware to proceed to Auto
Config, or to start streaming (via a Change−Config).
In the Host Config mode, the firmware performs no
configuration, and remains idle waiting for configuration
and commands from the host. The System Configuration
phase is effectively complete and the AS0142AT will take
no actions until the host issues commands
.
USAGE MODES
How a camera based on the AS0142AT will be configured
depends on what features are used. In the simplest case, an
AS0142AT operating in Auto−Config mode with no
customized settings might be sufficient.
A back−up camera with dynamic input from the steering
system will require a
mC with a system bus interface. Flash
sizes supported up to 2 GB. The two−wire bus is adequate
since only high−level commands are used.
In the simplest case no EEPROM or Flash memory or
mC
is required, as shown in Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com