Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1012AMH Datasheet(PDF) 16 Page - Linear Technology

Part # LT1012AMH
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012AMH Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1012AMH Datasheet HTML 12Page - Linear Technology LT1012AMH Datasheet HTML 13Page - Linear Technology LT1012AMH Datasheet HTML 14Page - Linear Technology LT1012AMH Datasheet HTML 15Page - Linear Technology LT1012AMH Datasheet HTML 16Page - Linear Technology LT1012AMH Datasheet HTML 17Page - Linear Technology LT1012AMH Datasheet HTML 18Page - Linear Technology LT1012AMH Datasheet HTML 19Page - Linear Technology LT1012AMH Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT1012A/LT1012
sn1012 1012afbs
+IN
–IN
V–
320
Ω
330
Ω
40
Ω
4.3k
4.8k
3.3k
3.3k
Q19
Q18
Q39
3.7k
16k
3.7k
3.7k
Q34
Q35
Q31
Q12
Q11
50k
1.5k
Q23
Q40
Q41
Q42
Q38
Q37
Q43
V+
Q26
Q28
1.5k
40
Ω
100
Ω
40
Ω
OUT
Q30
Q27
Q25
1.5k
Q15
Q2
Q13
Q16
Q5
Q7
800
Ω
800
Ω
22k
22k
1.3k
1.3k
4.2k
Q8
Q14
1.5k
Q22
Q24
Q4
Q3
Q21
Q20
Q29
Q6
Q1
Q9
Q10
S
S
S
TRIM
TRIM
OVER
COMP
3k
S
J1
Q17
LT1012A • SD01
2.5k
30pF
20k
Q32
Q36
Q33
1
8
5
7
6
2
3
4
SCHE ATIC DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com