Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1012AMH Datasheet(PDF) 7 Page - Linear Technology

Part # LT1012AMH
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012AMH Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1012AMH Datasheet HTML 3Page - Linear Technology LT1012AMH Datasheet HTML 4Page - Linear Technology LT1012AMH Datasheet HTML 5Page - Linear Technology LT1012AMH Datasheet HTML 6Page - Linear Technology LT1012AMH Datasheet HTML 7Page - Linear Technology LT1012AMH Datasheet HTML 8Page - Linear Technology LT1012AMH Datasheet HTML 9Page - Linear Technology LT1012AMH Datasheet HTML 10Page - Linear Technology LT1012AMH Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
sn1012 1012afbs
LT1012A/LT1012
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range of 0
°C ≤ TA ≤ 70°C. VS = ±15V, VCM = 0V, unless otherwise noted.
Optional Offset Nulling and Overcompensation
Circuits
Input offset voltage can be adjusted over a
±800µV range
with a 5k to 100k potentiometer.
The LT1012 is internally compensated for unity gain
stability. The overcompensation capacitor, CS, can be
used to improve capacitive load handling capability, to
narrow noise bandwidth, or to stabilize circuits with gain
in the feedback loop.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Differential input voltages greater than 1V will cause excessive
current to flow through the input protection diodes unless limiting
resistance is used.
Note 3: These specifications apply for VMIN ≤ VS ≤ ±20V and
–13.5V
≤ VCM ≤ 13.5V (for VS = ±15V). VMIN = ±1.2V at 25°C, ±1.3V from
0
°C to 70°C, ±1.5V from – 55°C to 125°C.
Note 4: 10Hz noise voltage density is sample tested on every lot. Devices
100% tested at 10Hz are available on request.
Note 5: This parameter is tested on a sample basis only.
LT1012A • EC01
–
+
2
3
4
V–
5
LT1012
1
8
7
6
5k TO 100k POT
V+
OUT
CS
LT1012D
LT1012S8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
25
140
30
200
µV
(Note 3)
q
40
45
270
µV
Average Temperature Coefficient of
q
0.3
1.7
0.3
1.8
µV/°C
Input Offset Voltage
IOS
Input Offset Current
q
35
380
60
380
pA
(Note 3)
q
45
80
500
pA
Average Temperature Coefficient of
q
0.35
4.0
0.4
4.0
pA/
°C
Input Offset Current
IB
Input Bias Current
q
±50
±420
±100
±420
pA
(Note 3)
q
±65
±150
±550
pA
Average Temperature Coefficient of
q
0.4
5.0
0.5
5.0
pA/
°C
Input Bias Current
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL ≥ 10kΩ
q
150
1500
150
1500
V/mV
VOUT = ±10V, RL ≥ 2kΩ
q
150
800
100
800
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±13.5V
q
108
130
108
130
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.3V to ± 20V
q
108
128
108
128
dB
Input Voltage Range
q
±13.5
±13.5
V
VOUT
Output Voltage Swing
RL = 10kΩ
q
±13
±14
±13
±14
V
IS
Supply Current
q
400
800
400
800
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com