Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1012AMH Datasheet(PDF) 2 Page - Linear Technology

Part # LT1012AMH
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012AMH Datasheet(HTML) 2 Page - Linear Technology

  LT1012AMH Datasheet HTML 1Page - Linear Technology LT1012AMH Datasheet HTML 2Page - Linear Technology LT1012AMH Datasheet HTML 3Page - Linear Technology LT1012AMH Datasheet HTML 4Page - Linear Technology LT1012AMH Datasheet HTML 5Page - Linear Technology LT1012AMH Datasheet HTML 6Page - Linear Technology LT1012AMH Datasheet HTML 7Page - Linear Technology LT1012AMH Datasheet HTML 8Page - Linear Technology LT1012AMH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1012A/LT1012
sn1012 1012afbs
Supply Voltage ......................................................
±20V
Differential Input Current (Note 1) ......................
±10mA
Input Voltage .........................................................
±20V
Output Short Circuit Duration .......................... Indefinite
(Note 1)
Operating Temperature Range
LT1012AM/LT1012M (OBSOLETE)....– 55
°C to 125°C
LT1012I/LT1012AI ............................. – 40
°C to 85°C
LT1012AC/LT1012C
LT1012D/LT1012S8 ................................ 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ORDER PART NUMBER
LT1012S8
LT1012IS8
LT1012ACS8
LT1012AIS8
S8 PART MARKING
1012
1012I
1012A
1012AI
TOP VIEW
1
2
3
4
8
7
6
5
VOS
TRIM
–IN
+IN
V–
VOS
TRIM
V+
OUT
–
+
OVER
COMP
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 100°C, θJA = 170°C/W
LT1012AMH
LT1012MH
LT1012ACH
LT1012CH
LT1012DH
ORDER PART NUMBER
ORDER PART NUMBER
LT1012ACN8
LT1012AIN8
LT1012CN8
LT1012DN8
LT1012IN8
TOP VIEW
VOS
TRIM
VOS
TRIM
–IN
OUT
V+
+IN
OVER
COMP
V – (CASE)
–
+
8
4
7
1
5
3
6
2
H PACKAGE
8-LEAD TO-5 METAL CAN
TJMAX = 150°C, θJA = 150°C/W, θJC = 45°C/W
TOP VIEW
1
2
3
4
8
7
6
5
VOS
TRIM
–IN
+IN
V –
VOS
TRIM
V+
OUT
OVER
COMP
–
+
N8 PACKAGE
8-LEAD PDIP
TJMAX = 100°C, θJA = 130°C/W
OBSOLETE PACKAGE
Consider the S8 or N8 Packages for Alternate Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com