Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC862EC Datasheet(PDF) 20 Page - Motorola, Inc

Part # MPC862EC
Description  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862EC Datasheet(HTML) 20 Page - Motorola, Inc

Back Button MPC862EC Datasheet HTML 16Page - Motorola, Inc MPC862EC Datasheet HTML 17Page - Motorola, Inc MPC862EC Datasheet HTML 18Page - Motorola, Inc MPC862EC Datasheet HTML 19Page - Motorola, Inc MPC862EC Datasheet HTML 20Page - Motorola, Inc MPC862EC Datasheet HTML 21Page - Motorola, Inc MPC862EC Datasheet HTML 22Page - Motorola, Inc MPC862EC Datasheet HTML 23Page - Motorola, Inc MPC862EC Datasheet HTML 24Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
20
MPC862/857T/857DSL Hardware Specifications
MOTOROLA
Bus Signal Timing
Bus Signal Timing
B29f WE(0:3) negated to D(0:31), DP(0:3)
High Z GPCM write access, TRLX = 0,
CSNT = 1, EBDF = 1 (MIN = 0.375 x
B1 - 6.30)
5.00
—
3.00
—
1.10
—
0.00
—
ns
B29g CS negated to D(0:31), DP(0:3)
High-Z GPCM write access, TRLX = 0,
CSNT = 1 ACS = 10 or ACS = 11,
EBDF = 1 (MIN = 0.375 x B1 - 6.30)
5.00
—
3.00
—
1.10
—
0.00
—
ns
B29h WE(0:3) negated to D(0:31), DP(0:3)
High Z GPCM write access, TRLX = 1,
CSNT = 1, EBDF = 1 (MIN = 0.375 x
B1 - 3.30)
38.40
—
31.10
—
24.20
—
17.50
—
ns
B29i CS negated to D(0:31), DP(0:3)
High-Z GPCM write access, TRLX = 1,
CSNT = 1, ACS = 10 or ACS = 11,
EBDF = 1 (MIN = 0.375 x B1 - 3.30)
38.40
—
31.10
—
24.20
—
17.50
—
ns
B30
CS, WE(0:3) negated to A(0:31),
BADDR(28:30) Invalid GPCM write
access 11 (MIN = 0.25 x B1 - 2.00)
5.60
—
4.30
—
3.00
—
1.80
—
ns
B30a WE(0:3) negated to A(0:31),
BADDR(28:30) Invalid GPCM, write
access, TRLX = 0, CSNT = 1, CS
negated to A(0:31) invalid GPCM write
access TRLX = 0, CSNT =1 ACS = 10,
or ACS == 11, EBDF = 0 (MIN = 0.50
x B1 - 2.00)
13.20
—
10.50
—
8.00
—
5.60
—
ns
B30b WE(0:3) negated to A(0:31) Invalid
GPCM BADDR(28:30) invalid GPCM
write access, TRLX = 1, CSNT = 1.
CS negated to A(0:31) Invalid GPCM
write access TRLX = 1, CSNT = 1,
ACS = 10, or ACS == 11 EBDF = 0
(MIN = 1.50 x B1 - 2.00)
43.50
—
35.50
—
28.00
—
20.70
—
ns
B30c WE(0:3) negated to A(0:31),
BADDR(28:30) invalid GPCM write
access, TRLX = 0, CSNT = 1.
CS negated to A(0:31) invalid GPCM
write access, TRLX = 0, CSNT = 1
ACS = 10, ACS == 11, EBDF = 1
(MIN = 0.375 x B1 - 3.00)
8.40
—
6.40
—
4.50
—
2.70
—
ns
B30d WE(0:3) negated to A(0:31),
BADDR(28:30) invalid GPCM write
access TRLX = 1, CSNT =1,
CS negated to A(0:31) invalid GPCM
write access TRLX = 1, CSNT = 1,
ACS = 10 or 11, EBDF = 1
38.67
—
31.38
—
24.50
—
17.83
—
ns
Table 7. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com