Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC862EC Datasheet(PDF) 21 Page - Motorola, Inc

Part # MPC862EC
Description  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862EC Datasheet(HTML) 21 Page - Motorola, Inc

Back Button MPC862EC Datasheet HTML 17Page - Motorola, Inc MPC862EC Datasheet HTML 18Page - Motorola, Inc MPC862EC Datasheet HTML 19Page - Motorola, Inc MPC862EC Datasheet HTML 20Page - Motorola, Inc MPC862EC Datasheet HTML 21Page - Motorola, Inc MPC862EC Datasheet HTML 22Page - Motorola, Inc MPC862EC Datasheet HTML 23Page - Motorola, Inc MPC862EC Datasheet HTML 24Page - Motorola, Inc MPC862EC Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
MOTOROLA
MPC862/857T/857DSL Hardware Specifications
21
Bus Signal Timing
B31
CLKOUT falling edge to CS valid - as
requested by control bit CST4 in the
corresponding word in the UPM
(MAX = 0.00 X B1 + 6.00)
1.50
6.00
1.50
6.00
1.50
6.00
1.50
6.00
ns
B31a CLKOUT falling edge to CS valid - as
requested by control bit CST1 in the
corresponding word in the UPM
(MAX = 0.25 x B1 + 6.80)
7.60
14.30
6.30
13.00
5.00
11.80
3.80
10.50
ns
B31b CLKOUT rising edge to CS valid - as
requested by control bit CST2 in the
corresponding word in the UPM
(MAX = 0.00 x B1 + 8.00)
1.50
8.00
1.50
8.00
1.50
8.00
1.50
8.00
ns
B31c CLKOUT rising edge to CS valid- as
requested by control bit CST3 in the
corresponding word in the UPM
(MAX = 0.25 x B1 + 6.30)
7.60
13.80
6.30
12.50
5.00
11.30
3.80
10.00
ns
B31d CLKOUT falling edge to CS valid, as
requested by control bit CST1 in the
corresponding word in the UPM
EBDF = 1 (MAX = 0.375 x B1 + 6.6)
9.40
18.00
7.60
16.00
13.30
14.10
11.30
12.30
ns
B32
CLKOUT falling edge to BS valid- as
requested by control bit BST4 in the
corresponding word in the UPM
(MAX = 0.00 x B1 + 6.00)
1.50
6.00
1.50
6.00
1.50
6.00
1.50
6.00
ns
B32a CLKOUT falling edge to BS valid - as
requested by control bit BST1 in the
corresponding word in the UPM,
EBDF = 0 (MAX = 0.25 x B1 + 6.80)
7.60
14.30
6.30
13.00
5.00
11.80
3.80
10.50
ns
B32b CLKOUT rising edge to BS valid - as
requested by control bit BST2 in the
corresponding word in the UPM
(MAX = 0.00 x B1 + 8.00)
1.50
8.00
1.50
8.00
1.50
8.00
1.50
8.00
ns
B32c CLKOUT rising edge to BS valid - as
requested by control bit BST3 in the
corresponding word in the UPM
(MAX = 0.25 x B1 + 6.80)
7.60
14.30
6.30
13.00
5.00
11.80
3.80
10.50
ns
B32d CLKOUT falling edge to BS valid- as
requested by control bit BST1 in the
corresponding word in the UPM,
EBDF = 1 (MAX = 0.375 x B1 + 6.60)
9.40
18.00
7.60
16.00
13.30
14.10
11.30
12.30
ns
B33
CLKOUT falling edge to GPL valid - as
requested by control bit GxT4 in the
corresponding word in the UPM
(MAX = 0.00 x B1 + 6.00)
1.50
6.00
1.50
6.00
1.50
6.00
1.50
6.00
ns
Table 7. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com