Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC862EC Datasheet(PDF) 22 Page - Motorola, Inc

Part # MPC862EC
Description  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862EC Datasheet(HTML) 22 Page - Motorola, Inc

Back Button MPC862EC Datasheet HTML 18Page - Motorola, Inc MPC862EC Datasheet HTML 19Page - Motorola, Inc MPC862EC Datasheet HTML 20Page - Motorola, Inc MPC862EC Datasheet HTML 21Page - Motorola, Inc MPC862EC Datasheet HTML 22Page - Motorola, Inc MPC862EC Datasheet HTML 23Page - Motorola, Inc MPC862EC Datasheet HTML 24Page - Motorola, Inc MPC862EC Datasheet HTML 25Page - Motorola, Inc MPC862EC Datasheet HTML 26Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
22
MPC862/857T/857DSL Hardware Specifications
MOTOROLA
Bus Signal Timing
Bus Signal Timing
B33a CLKOUT rising edge to GPL Valid - as
requested by control bit GxT3 in the
corresponding word in the UPM
(MAX = 0.25 x B1 + 6.80)
7.60
14.30
6.30
13.00
5.00
11.80
3.80
10.50
ns
B34
A(0:31), BADDR(28:30), and D(0:31)
to CS valid - as requested by control
bit CST4 in the corresponding word in
the UPM (MIN = 0.25 x B1 - 2.00)
5.60
—
4.30
—
3.00
—
1.80
—
ns
B34a A(0:31), BADDR(28:30), and D(0:31)
to CS valid - as requested by control
bit CST1 in the corresponding word in
the UPM (MIN = 0.50 x B1 - 2.00)
13.20
—
10.50
—
8.00
—
5.60
—
ns
B34b A(0:31), BADDR(28:30), and D(0:31)
to CS valid - as requested by CST2 in
the corresponding word in UPM
(MIN = 0.75 x B1 - 2.00)
20.70
—
16.70
—
13.00
—
9.40
—
ns
B35
A(0:31), BADDR(28:30) to CS valid -
as requested by control bit BST4 in the
corresponding word in the UPM
(MIN = 0.25 x B1 - 2.00)
5.60
—
4.30
—
3.00
—
1.80
—
ns
B35a A(0:31), BADDR(28:30), and D(0:31)
to BS valid - As Requested by BST1 in
the corresponding word in the UPM
(MIN = 0.50 x B1 - 2.00)
13.20
—
10.50
—
8.00
—
5.60
—
ns
B35b A(0:31), BADDR(28:30), and D(0:31)
to BS valid - as requested by control bit
BST2 in the corresponding word in the
UPM (MIN = 0.75 x B1 - 2.00)
20.70
—
16.70
—
13.00
—
9.40
—
ns
B36
A(0:31), BADDR(28:30), and D(0:31)
to GPL valid as requested by control
bit GxT4 in the corresponding word in
the UPM (MIN = 0.25 x B1 - 2.00)
5.60
—
4.30
—
3.00
—
1.80
—
ns
B37
UPWAIT valid to CLKOUT falling edge
12 (MIN = 0.00 x B1 + 6.00)
6.00
—
6.00
—
6.00
—
6.00
—
ns
B38
CLKOUT falling edge to UPWAIT valid
12 (MIN = 0.00 x B1 + 1.00)
1.00
—
1.00
—
1.00
—
1.00
—
ns
B39
AS valid to CLKOUT rising edge 13
(MIN = 0.00 x B1 + 7.00)
7.00
—
7.00
—
7.00
—
7.00
—
ns
B40
A(0:31), TSIZ(0:1), RD/WR, BURST,
valid to CLKOUT rising edge
(MIN = 0.00 x B1 + 7.00)
7.00
—
7.00
—
7.00
—
7.00
—
ns
B41
TS valid to CLKOUT rising edge (setup
time) (MIN = 0.00 x B1 + 7.00)
7.00
—
7.00
—
7.00
—
7.00
—
ns
Table 7. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com