Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP30-180 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SMP30-180
Description  TELECOM EQUIPMENT PROTECTION: TRISIL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP30-180 Datasheet(HTML) 8 Page - STMicroelectronics

  SMP30-180 Datasheet HTML 1Page - STMicroelectronics SMP30-180 Datasheet HTML 2Page - STMicroelectronics SMP30-180 Datasheet HTML 3Page - STMicroelectronics SMP30-180 Datasheet HTML 4Page - STMicroelectronics SMP30-180 Datasheet HTML 5Page - STMicroelectronics SMP30-180 Datasheet HTML 6Page - STMicroelectronics SMP30-180 Datasheet HTML 7Page - STMicroelectronics SMP30-180 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SMP30-xxx
8/8
SMP
30
xx
-
Trisil™ Surface Mount
I
= 30A
PP
Voltage
ORDER CODE
Part number
Marking
Package
Weight
Base qty
Delivery mode
SMP30-62
QA4
SMA
0.06 g
5000
Tape & reel
SMP30-68
QAB
SMP30-100
QAC
SMP30-120
QAD
SMP30-130
QAE
SMP30-180
QAF
SMP30-200
QAG
SMP30-220
QAH
SMP30-240
QAI
SMP30-270
QAJ
ORDERING INFORMATION
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com