Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP30-180 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMP30-180
Description  TELECOM EQUIPMENT PROTECTION: TRISIL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP30-180 Datasheet(HTML) 5 Page - STMicroelectronics

  SMP30-180 Datasheet HTML 1Page - STMicroelectronics SMP30-180 Datasheet HTML 2Page - STMicroelectronics SMP30-180 Datasheet HTML 3Page - STMicroelectronics SMP30-180 Datasheet HTML 4Page - STMicroelectronics SMP30-180 Datasheet HTML 5Page - STMicroelectronics SMP30-180 Datasheet HTML 6Page - STMicroelectronics SMP30-180 Datasheet HTML 7Page - STMicroelectronics SMP30-180 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SMP30-xxx
5/8
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
T (°C)
j
I [T ] / I [T =25°C]
Hj
Hj
Fig. 3: Relative variation of holding current versus
junction temperature.
-40
-20
0
20
40
60
80
100
0.90
0.95
1.00
1.05
1.10
62 V
270 V
V
[T ] / V
[T =25°C]
BO
j
BO
j
T (°C)
j
Fig. 4: Relative variation of breakover voltage ver-
sus junction temperature.
25
50
75
100
125
1
10
100
1000
2000
I
[T ] / I
[T =25°C]
RM
j
RM
j
V=V
RRM
T (°C)
j
Fig. 5: Relative variation of leakage current versus
junction temperature (typical values).
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-1
1E+0
1E+1
1E+2
Z
(°C/W)
th(j-a)
Zth(j-a)
t (s)
p
Fig. 6: Relative variation of thermal impedance
versus pulse duration.
1
2
5
10
20
50
100
300
0.0
0.5
1.0
1.5
2.0
2.5
V (V)
R
C[V ] / C[V =50V]
RR
Tj=25°C
F=1MHz
VRMS=1V
Fig. 7: Relative variation of junction capacitance
versus reverse voltage applied (typical values).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com