Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP30-180 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMP30-180
Description  TELECOM EQUIPMENT PROTECTION: TRISIL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP30-180 Datasheet(HTML) 1 Page - STMicroelectronics

  SMP30-180 Datasheet HTML 1Page - STMicroelectronics SMP30-180 Datasheet HTML 2Page - STMicroelectronics SMP30-180 Datasheet HTML 3Page - STMicroelectronics SMP30-180 Datasheet HTML 4Page - STMicroelectronics SMP30-180 Datasheet HTML 5Page - STMicroelectronics SMP30-180 Datasheet HTML 6Page - STMicroelectronics SMP30-180 Datasheet HTML 7Page - STMicroelectronics SMP30-180 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
SMP30-xxx
®
s
Bidirectional crowbar protection
s
Voltage range from 62V to 270V
s
Low capacitance from 12pF to 20pF typ.@ 50V
s
Low leakage current: IR = 2µA max.
s
Holding current: IH = 150 mA min.
s
Repetitive peak pulse current:
IPP = 30 A (10/1000 µs)
FEATURES
SMA
(JEDEC DO-214AC)
The SMP30-xxx series has been designed to
protect telecommunication equipment against
lightning and transient induced by AC power lines.
The package / die size ratio has been optimized by
using the SMA package.
DESCRIPTION
SCHEMATIC DIAGRAM
TELECOM EQUIPMENT PROTECTION: TRISIL™
November 2002 - Ed: 4B
Telecommunication equipment such as
s
Analog and digital line cards (xDSL, T1/E1,
ISDN...).
s
Terminals (phone, fax, modem...) and central
office equipment.
MAIN APPLICATIONS
Trisils are not subject to ageing and provide a fail safe mode in short circuit for a better protection. Trisils
are used to help equipment to meet various standards such as UL1950, IEC950 / CSA C22.2, UL1459
and FCC part 68. Trisils have UL94 V0 resin approved. SMA package is JEDEC registred. (Trisils are UL
497B approved - file: E136224).
BENEFITS


Similar Part No. - SMP30-180

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP30-180 STMICROELECTRONICS-SMP30-180 Datasheet
59Kb / 6P
TRISILTM
SMP30-180 STMICROELECTRONICS-SMP30-180 Datasheet
87Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
13-Dec-2004
More results

Similar Description - SMP30-180

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
SMP80MC-270 STMICROELECTRONICS-SMP80MC-270 Datasheet
82Kb / 8P
TELECOM EQUIPMENT PROTECTION TRISIL
Sep-2003
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
16-Nov-2004
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
13-Dec-2004
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
Trisil for telecom equipment protection
05-Mar-2007
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
Trisil??for telecom equipment protection
09-Feb-2012
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
Jul-2002
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
Trisil??for telecom equipment protection
19-Oct-2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com