Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7682 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7682
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7682 Datasheet HTML 9Page - Analog Devices AD7682 Datasheet HTML 10Page - Analog Devices AD7682 Datasheet HTML 11Page - Analog Devices AD7682 Datasheet HTML 12Page - Analog Devices AD7682 Datasheet HTML 13Page - Analog Devices AD7682 Datasheet HTML 14Page - Analog Devices AD7682 Datasheet HTML 15Page - Analog Devices AD7682 Datasheet HTML 16Page - Analog Devices AD7682 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Data Sheet
AD7682/AD7689
Rev. H | Page 13 of 35
Pin No.
AD7682
WLCSP
Mnemonic
AD7689
WLCSP
Mnemonic
Type1
Description
C5
DIN
DIN
DI
Data Input. Use this input for writing to the 14-bit configuration register. The configura-
tion register can be written to during and after conversion.
C3
SCK
SCK
DI
Serial Data Clock Input. This input is used to clock out the data on SDO and clock in data
on DIN in an MSB first fashion.
B2
SDO
SDO
DO
Serial Data Output. The conversion result is output on this pin, synchronized to SCK. In
unipolar modes, conversion results are straight binary; in bipolar modes, conversion
results are twos complement.
A1
VIO
VIO
P
Input/Output Interface Digital Power. Nominally at the same supply as the host interface
(1.8 V, 2.5 V, 3 V, or 5 V).
A3
IN0
IN0
AI
Analog Input Channel 0.
B4
NC
IN1
AI
No connection (AD7682).
Analog Input Channel 1 (AD7689).
A5
IN1
IN2
AI
Analog Input Channel 1 (AD7682).
Analog Input Channel 2 (AD7689).
E7
NC
IN4
AI
No Connection (AD7682).
Analog Input Channel 4 (AD7689).
1
AI means analog input, AI/O means analog input/output, DI means digital input, DO means digital output, P means power, and NC means no internal connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com