Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7682 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7682
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7682 Datasheet HTML 17Page - Analog Devices AD7682 Datasheet HTML 18Page - Analog Devices AD7682 Datasheet HTML 19Page - Analog Devices AD7682 Datasheet HTML 20Page - Analog Devices AD7682 Datasheet HTML 21Page - Analog Devices AD7682 Datasheet HTML 22Page - Analog Devices AD7682 Datasheet HTML 23Page - Analog Devices AD7682 Datasheet HTML 24Page - Analog Devices AD7682 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Data Sheet
AD7682/AD7689
Rev. H | Page 21 of 35
Unipolar or Bipolar
Figure 28 shows an example of the recommended connection
diagram for the AD7682/AD7689 when multiple supplies are
available.
Bipolar Single Supply
Figure 29 shows an example of a system with a bipolar input
using single supplies with the internal reference (optional
different VIO supply). This circuit is also useful when the
amplifier/signal conditioning circuit is remotely located with
some common mode present. Note that for any input config-
uration, the INx inputs are unipolar and are always referenced
to GND (no negative voltages even in bipolar range).
For this circuit, a rail-to-rail input/output amplifier can be used;
however, take the offset voltage vs. input common-mode range
into consideration (1 LSB = 62.5 μV with VREF = 4.096 V). Note
that the conversion results are in twos complement format
when using the bipolar input configuration. Refer to the
AN-581 Application Note, Biasing and Decoupling Op Amps in
Single Supply Applications, for additional details about using
single-supply amplifiers.
ANALOG INPUTS
Input Structure
Figure 30 shows an equivalent circuit of the input structure of
the AD7682/AD7689. The two diodes, D1 and D2, provide ESD
protection for the analog inputs, IN[7:0] and COM. Care must
be taken to ensure that the analog input signal does not exceed
the supply rails by more than 0.3 V because this causes the
diodes to become forward biased and to start conducting
current.
These diodes can handle a maximum forward-biased current of
130 mA. For instance, these conditions may eventually occur
when the input buffer supplies are different from VDD. In such
a case, for example, an input buffer with a short circuit, the
current limitation can be used to protect the device.
CIN
RIN
D1
D2
CPIN
INx+
OR INx–
OR COM
GND
VDD
Figure 30. Equivalent Analog Input Circuit
This analog input structure allows the sampling of the true
differential signal between INx+ and COM or INx+ and INx−.
(COM or INx− = GND ± 0.1 V or VREF ± 0.1 V). By using these
differential inputs, signals common to both inputs are rejected,
as shown in Figure 31.
70
65
60
55
50
45
40
35
30
1
10k
10
100
1k
FREQUENCY (kHz)
Figure 31. Analog Input CMRR vs. Frequency
During the acquisition phase, the impedance of the analog
inputs can be modeled as a parallel combination of the capacitor,
CPIN, and the network formed by the series connection of RIN
and CIN. CPIN is primarily the pin capacitance. RIN is typically
2.2 kΩ and is a lumped component composed of serial resistors
and the on resistance of the switches. CIN is typically 27 pF and
is mainly the ADC sampling capacitor.
Selectable Low-Pass Filter
During the conversion phase, when the switches are opened, the
input impedance is limited to CPIN. While the AD7682/AD7689
are acquiring, RIN and CIN make a one-pole, low-pass filter that
reduces undesirable aliasing effects and limits the noise from
the driving circuitry. The low-pass filter can be programmed for
the full bandwidth or ¼ of the bandwidth with CFG[6], as
shown in Table 11. This setting changes RIN to 19 kΩ. Note that
the converter throughput must also be reduced by ¼ when
using the filter. If the maximum throughput is used with the
bandwidth (BW) set to ¼, the converter acquisition time, tACQ,
is violated, resulting in increased THD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com