Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7983BCPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7983BCPZ-R2
Description  16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7983BCPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD7983BCPZ-R2 Datasheet HTML 1Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 2Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 3Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 4Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 5Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 6Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Data Sheet
AD7983
Rev. B | Page 3 of 24
SPECIFICATIONS
VDD = 2.5 V, VIO = 2.3 V to 5.5 V, REF = 5 V, TA = –40°C to +85°C, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
IN+ − IN−
0
VREF
V
Absolute Input Voltage
IN+
−0.1
VREF + 0.1
V
IN−
−0.1
+0.1
V
Analog Input CMRR
fIN = 100 kHz
60
dB1
Leakage Current @ 25°C
Acquisition phase
1
nA
Input Impedance
See the Analog Inputs section
ACCURACY
No Missing Codes
16
Bits
Differential Linearity Error
−0.9
±0.4
+0.9
LSB2
Integral Linearity Error
−1.0
±0.6
+1.0
LSB2
Transition Noise
0.52
LSB2
Gain Error, TMIN to TMAX3
±2
LSB2
Gain Error Temperature Drift
±0.41
ppm/°C
Zero Error, TMIN to TMAX3
−0.9
±0.44
+0.9
mV
Zero Temperature Drift
0.54
ppm/°C
Power Supply Sensitivity
VDD = 2.5 V ± 5%
±0.1
LSB2
THROUGHPUT
Conversion Rate
0
1.33
MSPS
Transient Response
Full-scale step
290
ns
AC ACCURACY
Dynamic Range
93
dB1
Signal-to-Noise Ratio, SNR
fIN = 1 kHz
90.5
92
dB1
Spurious-Free Dynamic Range, SFDR
fIN = 10 kHz
114
dB1
Total Harmonic Distortion, THD
fIN = 10 kHz
−115
dB1
Signal-to-(Noise + Distortion), SINAD
fIN = 10 kHz
91.6
dB1
1
All specifications in dB are referred to a full-scale input FSR. Tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
2
LSB means least significant bit. With the 5 V input range, 1 LSB is 76.3 µV.
3
See the Terminology section. These specifications include full temperature range variation, but not the error contribution from the external reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com