Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7983BCPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7983BCPZ-R2
Description  16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7983BCPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7983BCPZ-R2 Datasheet HTML 6Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 9Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 10Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 11Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Data Sheet
AD7983
Rev. B | Page 9 of 24
–110
–120
–55
125
TEMPERATURE (°C)
–35
–15
5
25
45
65
85
105
–112
–114
–116
–118
Figure 12. THD vs. Temperature
–105
–130
2.5
5.5
REFERENCE VOLTAGE (V)
–110
–115
–120
–125
130
105
125
120
115
110
3.0
3.5
4.0
4.5
5.0
SFDR
THD
Figure 13. THD, SFDR vs. Reference Voltage
100
65
1000
FREQUENCY (kHz)
1
10
100
95
90
85
80
75
70
Figure 14. SINAD vs. Frequency
95
85
–55
125
TEMPERATURE (°C)
93
91
89
87
–35
–15
5
25
45
65
85
105
Figure 15. SNR vs. Temperature
100
80
2.5
5.5
REFERENCE VOLTAGE (V)
95
90
85
16
12
15
14
13
3.0
3.5
4.0
4.5
5.0
SNR
SINAD
ENOB
Figure 16. SNR, SINAD, and ENOB vs. Reference Voltage
–70
–120
1000
FREQUENCY (kHz)
1
10
100
–75
–80
–85
–90
–95
–100
–105
–110
–115
Figure 17. THD vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com