Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7983BCPZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7983BCPZ-R2
Description  16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7983BCPZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7983BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 23Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 24Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Data Sheet
AD7983
Rev. B | Page 23 of 24
APPLICATION HINTS
LAYOUT
The printed circuit board (PCB) that houses the AD7983
should be designed so that the analog and digital sections are
separated and confined to certain areas of the board. The pinout of
the AD7983, with all its analog signals on the left side and all its
digital signals on the right side, eases this task.
Avoid running digital lines under the device because these couple
noise onto the die, unless a ground plane under the AD7983 is
used as a shield. Fast switching signals, such as CNV or clocks,
should never run near analog signal paths. Crossover of digital
and analog signals should be avoided.
At least one ground plane should be used. It can be common or
split between the digital and analog section. In the latter case,
the planes should be joined underneath the AD7983.
The AD7983 voltage reference input REF has a dynamic input
impedance and should be decoupled with minimal parasitic
inductances. This is done by placing the reference decoupling
ceramic capacitor close to, ideally right up against, the REF and
GND pins and connecting them with wide, low impedance traces.
Finally, the AD7983 power supplies, VDD and VIO, should be
decoupled with ceramic capacitors, typically 100 nF, placed
close to the AD7983 and connected using short and wide traces
to provide low impedance paths and to reduce the effect of
glitches on the power supply lines.
An example of a layout following these rules is shown in
Figure 38 and Figure 39.
EVALUATING THE PERFORMANCE OF THE AD7983
Other recommended layouts for the AD7983 are outlined
in the documentation of the evaluation board for the AD7983
(EVAL-AD7983SDZ). The evaluation board package includes
a fully assembled and tested evaluation board, documentation,
and software for controlling the board from a PC via the
EVAL-SDP-CB1Z.
AD7983
Figure 38. Example Layout of the AD7983 (Top Layer)
Figure 39. Example Layout of the AD7983 (Bottom Layer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com