Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD12400/KIT Datasheet(PDF) 13 Page - Analog Devices

Part # AD12400/KIT
Description  12-Bit 400 MSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12400/KIT Datasheet(HTML) 13 Page - Analog Devices

Back Button AD12400/KIT Datasheet HTML 9Page - Analog Devices AD12400/KIT Datasheet HTML 10Page - Analog Devices AD12400/KIT Datasheet HTML 11Page - Analog Devices AD12400/KIT Datasheet HTML 12Page - Analog Devices AD12400/KIT Datasheet HTML 13Page - Analog Devices AD12400/KIT Datasheet HTML 14Page - Analog Devices AD12400/KIT Datasheet HTML 15Page - Analog Devices AD12400/KIT Datasheet HTML 16Page - Analog Devices AD12400/KIT Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD12400
Rev. 0 | Page 13 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
NOTE
X = Image spur
N = Interleaved offset spur
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
20
40
60
80
100
120
140
160
180
200
SNR = 63.3dB
SFDR = 75dBc
SINAD = 62.9dB
IMAGE SPUR = 80.5dBc
2
3
4
5
6
X N
FREQUENCY (MHz)
Figure 6. FFT: fS = 400 MSPS, AIN = 10.123 MHz @ –1.0 dBFS
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
20
40
60
80
100
120
140
160
180
200
SNR = 63.1dB
SFDR = 78.7dBc
SINAD = 62.7dB
IMAGE SPUR = 78.8dBc
2
3
4
5
6
FREQUENCY (MHz)
N
X
Figure 7. FFT: fS = 400 MSPS, AIN = 65.123 MHz @ –1.0 dBFS
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
20
40
60
80
100
120
140
160
180
200
SNR = 62.5dB
SFDR = 69.9dBc
SINAD = 61.1dB
IMAGE SPUR = 73.4dBc
2
3
4
5
6
X
FREQUENCY (MHz)
N
Figure 8. FFT: fS = 400 MSPS, AIN = 128.123 MHz @ –1.0 dBFS
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
20
40
60
80
100
120
140
160
180
200
SNR = 61.6dB
SFDR = 69.0dBc
SINAD = 60.0dB
IMAGE SPUR = 70.4dBc
2
3
4
5
6
X
N
FREQUENCY (MHz)
Figure 9. FFT: fS = 400 MSPS, AIN = 180.123 MHz @ –1.0 dBFS
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
20
40
60
80
100
120
140
160
180
200
SFDR = 76.3dBc
FREQUENCY (MHz)
X1
N
X2
Figure 10. Two-Tone Intermodulation Distortion (25.1 MHz and 28.1 MHz;
fS = 400 MSPS)
0
20
40
60
80
100
120
140
160
180
200
SFDR = 77.3dBc
FREQUENCY (MHz)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
X2 X1
N
Figure 11. Two-Tone Intermodulation Distortion (70.1 MHz and 73.1 MHz;
fS = 400 MSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com