Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD12400/KIT Datasheet(PDF) 27 Page - Analog Devices

Part # AD12400/KIT
Description  12-Bit 400 MSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12400/KIT Datasheet(HTML) 27 Page - Analog Devices

Back Button AD12400/KIT Datasheet HTML 20Page - Analog Devices AD12400/KIT Datasheet HTML 21Page - Analog Devices AD12400/KIT Datasheet HTML 22Page - Analog Devices AD12400/KIT Datasheet HTML 23Page - Analog Devices AD12400/KIT Datasheet HTML 24Page - Analog Devices AD12400/KIT Datasheet HTML 25Page - Analog Devices AD12400/KIT Datasheet HTML 26Page - Analog Devices AD12400/KIT Datasheet HTML 27Page - Analog Devices AD12400/KIT Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD12400
Rev. 0 | Page 27 of 28
OUTLINE DIMENSIONS
TOP VIEW
SIDE VIEW
3.190 TYP
PIN 1
AIN
ENC
ENC
2.890 MAX
BOARD
2.328 TYP
0.856 TYP
0.256 TYP
0.267 TYP
SAMTEC CONNECTOR
QTE-060-01-L-D-A-K-TR
BOTTOM VIEW
1.773
1.753
2.060
2.040
0.270 2
×
0.505 TYP 2
×
0.700 MAX
0.175 TYP
0.200 TYP
2-56 STUDS 4
×
0.600 MAX
JOHNSON SMA-50 OHM CONNECT NO. 142-0711-821
2.590 MAX
2.060
2.040
Figure 38. Outline Dimensions
Dimensions shown in inches
Tolerances:
0.xx = ±10 mils
0.xxx = ±5 mils
ORDERING GUIDE
Model
Temperature Range
Package Description
AD12400KWS
0°C to 60°C (Case)
2.9" × 2.6" × 0.6"
AD12400JWS
0°C to 60°C (Case)
2.9" × 2.6" × 0.6"
AD12400/KIT
25°C
Evaluation Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com