Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD12400/KIT Datasheet(PDF) 18 Page - Analog Devices

Part # AD12400/KIT
Description  12-Bit 400 MSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12400/KIT Datasheet(HTML) 18 Page - Analog Devices

Back Button AD12400/KIT Datasheet HTML 14Page - Analog Devices AD12400/KIT Datasheet HTML 15Page - Analog Devices AD12400/KIT Datasheet HTML 16Page - Analog Devices AD12400/KIT Datasheet HTML 17Page - Analog Devices AD12400/KIT Datasheet HTML 18Page - Analog Devices AD12400/KIT Datasheet HTML 19Page - Analog Devices AD12400/KIT Datasheet HTML 20Page - Analog Devices AD12400/KIT Datasheet HTML 21Page - Analog Devices AD12400/KIT Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD12400
Rev. 0 | Page 18 of 28
AIRFLOW CONDITION
20
30
40
50
60
70
80
90
100
110
120
130
TYPICAL JUNCTION
CASE
AMBIENT
NO AIR FLOW
100 LFM
300 LFM
Figure 21. Typical Temperature vs. Air Flow with No Module/Board Interface
Material (Normalized to 60°C Module Case Temperature)
AIRFLOW CONDITION
20
30
40
50
60
70
80
90
100
110
120
130
TYPICAL JUNCTION
CASE
AMBIENT
NO AIR FLOW
100 LFM
300 LFM
Figure 22. Typical Temperature vs. Air Flow with T-FLEX Module/Board
Interface Material (Normalized to 60°C Module Case Temperature Ambient)
PACKAGE INTEGRITY/MOUNTING GUIDELINES
The AD12400 is a printed circuit board (PCB) based module
designed to provide mechanical stability and support the
intricate channel-to-channel matching necessary to achieve
high dynamic range performance. The module should be
secured to the motherboard using 2-56 nuts (washer use is
optional). The torque on the nuts should not exceed 32 inch
ounces.
The SMA edge connectors (AIN, ENC/ENC) are surface
mounted to the board in order to achieve minimum height of
the module. When attaching and routing the cables, one must
ensure they are stress-relieved and do not apply stress to the
SMA connector/board. The presence of stress on the cables may
degrade electrical performance and mechanical integrity of the
module. In addition to the routing precautions, the smallest
torque necessary to achieve consistent performance should be
used to secure the system cable to the AD12400’s SMA
connectors. In no case should the torque exceed 5 inch pounds.
Any disturbances to the AD12400 structure, including
removing the covers or mounting screws, will invalidate the
calibration and result in degraded performance. Refer to the
Outline Dimensions section for mounting stud dimensions.
Refer also to Figure 37 for PCB interface locations. Mounting
stud length will typically accommodate a PCB thickness of
0.093". Consult the factory if board thickness requirements
exceed this dimension.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com