Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88615P Datasheet(PDF) 4 Page - ASIX Electronics Corporation

Part # AX88615P
Description  5-Port 10/100BASE Ethernet Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88615P Datasheet(HTML) 4 Page - ASIX Electronics Corporation

  AX88615P Datasheet HTML 1Page - ASIX Electronics Corporation AX88615P Datasheet HTML 2Page - ASIX Electronics Corporation AX88615P Datasheet HTML 3Page - ASIX Electronics Corporation AX88615P Datasheet HTML 4Page - ASIX Electronics Corporation AX88615P Datasheet HTML 5Page - ASIX Electronics Corporation AX88615P Datasheet HTML 6Page - ASIX Electronics Corporation AX88615P Datasheet HTML 7Page - ASIX Electronics Corporation AX88615P Datasheet HTML 8Page - ASIX Electronics Corporation AX88615P Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
ASIX ELECTRONICS CORPORATION
4
CONFIDENTIAL
AX88615P 5-Port 10/100Mb Switch Controller
PRELIMINARY
1.0 AX88615 Overview
1.1 General Description
The AX88615 is a 5-ports 10/100 Mbps Ethernet switch with MII PHY or RMII PHY. A low cost Fast Ethernet switch
can be implemented by using the AX88615 and low cost 64Kx32 SSRAM .
Data received from the MAC interface is stored in the external memory. All ports support multiple MAC addresses. The
switch provides a look-up table for 8K MAC addresses with two 64Kx32 SSRAMs. The AX88615 provides three frame
forwarding mode: store-and-forward mode, safe cut-through (fragment free) mode and dynamic-select-mode (auto). The
dynamic-select-mode means the switch selects optimizes mode for forwarding packages automatically according to
Network quality.
During transmission, the data is obtained from the buffer memory and routed to the destination port. For half-duplex
operation, the MAC control will back off and retransmit in accordance to the IEEE802.3 CSMA/CD if collision occurs.
The AX88615 provides two flow control methods. For half-duplex operation, an optional jamming based flow control is
available to avoid loss of data. This is also well known as back pressure. In the full-duplex mode, AX88615 utilizes
IEEE802.3X as the flow control mechanism.
1.2 AX88615 Block Diagram:
Fig - 1 AX88615 Block Diagram
P0 10/100 MAC
P1 10/100 MAC
P2 10/100 MAC
P3 10/100 MAC
P4 10/100 MAC
High Speed
Switch Fabric
Routing /Learning
Controller
Buffer Manager
Buffer Memory
Interface
LED Interface
MII / RMII
PHY
MII / RMII
PHY
MII / RMII
PHY
MII / RMII
PHY
MII / RMII
PHY
64K*32 SSRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com