Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88615P Datasheet(PDF) 5 Page - ASIX Electronics Corporation

Part # AX88615P
Description  5-Port 10/100BASE Ethernet Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88615P Datasheet(HTML) 5 Page - ASIX Electronics Corporation

  AX88615P Datasheet HTML 1Page - ASIX Electronics Corporation AX88615P Datasheet HTML 2Page - ASIX Electronics Corporation AX88615P Datasheet HTML 3Page - ASIX Electronics Corporation AX88615P Datasheet HTML 4Page - ASIX Electronics Corporation AX88615P Datasheet HTML 5Page - ASIX Electronics Corporation AX88615P Datasheet HTML 6Page - ASIX Electronics Corporation AX88615P Datasheet HTML 7Page - ASIX Electronics Corporation AX88615P Datasheet HTML 8Page - ASIX Electronics Corporation AX88615P Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ASIX ELECTRONICS CORPORATION
5
CONFIDENTIAL
AX88615P 5-Port 10/100Mb Switch Controller
PRELIMINARY
1.3 Pin Connection Diagram
Fig - 2 Pin Connection Diagram
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
97
98
99
100
101
102
103
104
208
207
206
205
204
203
202
201
200
199
197
198
196
195
194
193
192
191
190
188
189
187
186
185
184
183
182
181
179
180
178
177
176
175
174
173
172
170
171
169
168
167
166
165
164
163
161
162
160
159
158
157
53
AX88615
REF_CLK
LCLK
/RST
/TEST
VDD
VSS
LED_CK
VSS
LED<1>
LED<0>
VSS
VDD
VSS
NC
NC
VSS
VDD
VSS
BMA12
VSS
BMA14
BMA15
BMA16
BMA13
BMD7
BMD3
BMD5
BMD2
BMD6
BMD1
BMD0
BMD4
BMD15
BMD11
BMD13
BMD10
BMD14
BMD9
BMD8
BMD12
BMA9
BMA8
/BMOE
/BMWE
BMCLK
MDIO
MDC
VSS
SDUPLEX4
STXD4[2]
STXD4[3]
SRXD2[3]
SDUPLEX2
SRXD2[1]
STXD2[1]
SCOL2
STXD2[0]
SRXD2[0]
STXCLK2
SRXDV2
SCRS2
STXD2[2]
SRXD2[2]
STXEN2
SRXCLK2
STXD2[3]
NC
NC
NC
NC
NC
SRXCLK1
SRXD1[2]
SCRS1
SRXDV1
SRXD1[0]
SRXD1[1]
SRXD1[3]
STXD1[0]
STXD1[1]
STXD1[3]
STXEN1
STXD1[2]
STXCLK1
SCOL_SP1
SDUPLEX1
STXD0[1]
STXEN0
STXCLK0
STXD0[0]
STXD0[3]
STXD0[2]
SDUPLEX0
SCOL_SP0
SRXDV0
SCRS0
SRXCLK0
SPEED2
VDD
NC
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com