Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88615P Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX88615P
Description  5-Port 10/100BASE Ethernet Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88615P Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX88615P Datasheet HTML 1Page - ASIX Electronics Corporation AX88615P Datasheet HTML 2Page - ASIX Electronics Corporation AX88615P Datasheet HTML 3Page - ASIX Electronics Corporation AX88615P Datasheet HTML 4Page - ASIX Electronics Corporation AX88615P Datasheet HTML 5Page - ASIX Electronics Corporation AX88615P Datasheet HTML 6Page - ASIX Electronics Corporation AX88615P Datasheet HTML 7Page - ASIX Electronics Corporation AX88615P Datasheet HTML 8Page - ASIX Electronics Corporation AX88615P Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
ASIX ELECTRONICS CORPORATION
First Released Date : APR/02/1999
2F, NO.13, Industry East Rd. II, Science-based Industrial Park, Hsin-Chu City, Taiwan, R.O.C.
TEL: 886-3-579-9500
FAX: 886-3-579-9558
http://www.asix.com.tw
AX88615P
5-Port 10/100BASE Ethernet Switch
5-Port 10/100BASE Ethernet Switch Controller
Document No.: AX615-13 / V1.3 / Aug. 11 ’99
Features
•
Support 5 10/100 Mbps Ethernet ports with
RMII/MII interface
ü Provides packet switching functions between 5
10/100 Mbps, auto-negotiated ports
ü Ideal for SOHO switches and its application
•
Build in 5-ports 10/100Mbps Switch engine with
following features
ü Low cost SSRAM interface to reduce system cost
ü One or two 64K*32bit SSRAM to buffer packets
ü 4/8 K MAC address look up Table is supported
ü Address mapping of look up table can be linear or
use hash algorithm
ü Auto learning and filtering
ü Aging the look up table is supported optionally
ü Aging time can be 1min to 640 mins 7 steps
ü Three forwarding modes are supported : Store-
and-Forward, Fragment-Free and Auto Forward
which is based on network quality
ü Flow-control is supported optionally
ü 802.3x flow control is supported when running in
full-duplex mode
ü Back-pressure base flow control is supported
when running in half-duplex mode
ü Ext. Buffer Memory auto testing
ü Routing and Learning at wire speed (148800
packets/sec at 100Mbps)
•
LED display buffer utilization (%) for whole system
and external SSRAM test.
•
Power on LED diagnosis. All the LED display will
follow the “ON-OFF-ON-OFF-Normal” operation
procedure during/after power on reset
•
60MHz Operation, 3.3volt, 208-pin PQFP
Product description
The AX88615 is a 5-ports 10/100 Mbps Ethernet switch with MII PHY or RMII PHY. It is design for low cost dumb
Switch application, e.g. SOHO Ethernet Switch, with low cost 64K*32 SSRAM buffer memory.
Key Applications
ü
SOHO Ethernet Switch
ü
IP Router
System Block Diagram
Always contact ASIX for possible updates before starting a design.
This data sheet contains new products information. ASIX ELECTRONICS reserves the rights to modify the product specification without notice. No
liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
AX88615
Switch Controller
1 or 2 64K*32 SSRAM
1 Quad RMII/MII PHY
RMII/MII PHY for Down-link or Server
5 Port 10/100Mb SOHO Switch


Similar Part No. - AX88615P

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88613 ASIX-AX88613 Datasheet
865Kb / 20P
ASIX Multi-Port Ethernet Controller
More results

Similar Description - AX88615P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
logo
Axiomtek Co., Ltd.
EX17008A AXIOMTEK-EX17008A Datasheet
306Kb / 2P
Unmanaged 8-port 10/100BASE-TX PoE Ethernet Switch
EX42000 AXIOMTEK-EX42000 Datasheet
366Kb / 4P
Industrial Unmanaged 5-port 10/100BASE Ethernet Switch
EX33000 AXIOMTEK-EX33000 Datasheet
407Kb / 4P
Industrial Unmanaged 16-port 10/100BASE Ethernet Switch
EX34000 AXIOMTEK-EX34000 Datasheet
385Kb / 4P
Industrial Unmanaged 8-port 10/100BASE PoE Ethernet Switch
EX43000 AXIOMTEK-EX43000 Datasheet
380Kb / 4P
Industrial Unmanaged 8-port 10/100BASE Ethernet Switch
EX45000 AXIOMTEK-EX45000 Datasheet
511Kb / 4P
Hardened Unmanaged 8-port 10/100BASE PoE Ethernet Switch
EX78000 AXIOMTEK-EX78000 Datasheet
719Kb / 6P
Hardened Managed 10-port 10/100BASE and 2-port Gigabit Ethernet Switch
EX94000 AXIOMTEK-EX94000 Datasheet
659Kb / 4P
Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
EX95000 AXIOMTEK-EX95000 Datasheet
498Kb / 4P
Hardened Unmanaged 16-port 10/100BASE Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com