Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS74B303 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CGS74B303
Description  Octal Divide-by-2 Skew Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS74B303 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CGS74B303 Datasheet HTML 1Page - National Semiconductor (TI) CGS74B303 Datasheet HTML 2Page - National Semiconductor (TI) CGS74B303 Datasheet HTML 3Page - National Semiconductor (TI) CGS74B303 Datasheet HTML 4Page - National Semiconductor (TI) CGS74B303 Datasheet HTML 5Page - National Semiconductor (TI) CGS74B303 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
70V
Input Voltage (VI)
70V
Operating Free Air Temperature
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Typical iJA
Airflow (LFM)
0
225
500
Jedec SOIC (M) Package
118
96
86
CW
Recommended Operating
Conditions
Supply Voltage (VCC)
45V to 55V
Input Rise and Fall Times
2 ns max
(08V to 20V)
Free Air Operating Temperature (TA)0 Cto70 C
NOTE
The Absolute Maximum Ratings are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the DC and AC Electrical Char-
acteristics tables are not guaranteed at the absolute maxi-
mum ratings The Recommended Operating Conditions will
define the conditions for actual device operation
DC Electrical Characteristics
Over recommended operating conditions unless specified otherwise All typical values are measured at VCC e 5V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIK
Input Clamp Voltage
VCC e 45V II eb18 mA
b
12
V
VIH
Minimum Input
20
V
High Level Voltage
VIL
Maximum Input
08
V
Low Level Voltage
VOH
High Level Output Voltage
IOH eb2 mA VCC e 45V
VCC b 2
V
IOH eb24 mA VCC e 45V
20
VOL
Low Level Output Voltage
VCC e 45V IOL e 48 mA
035
05
V
II
Input Current
Max
VCC e 55V VIH e 7V
01
m A
Input Voltage
IIH
High Level Input Current
VCC e 55V VIH e 27V
20
m
A
IIL
Low Level Input Current
VCC e 55V VIL e 04V
b
01
b
050
mA
IO
Output Drive Current
VCC e 55V VO e 225V
b
50
b
150
mA
ICC
Supply Current
VCC e 55V
Outputs High
27
60
mA
Outputs Low
45
60
mA
CIN
Input Capacitance
VCC e 5V
5
pF
http
www nationalcom
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com