Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS74B303 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CGS74B303
Description  Octal Divide-by-2 Skew Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS74B303 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CGS74B303 Datasheet HTML 1Page - National Semiconductor (TI) CGS74B303 Datasheet HTML 2Page - National Semiconductor (TI) CGS74B303 Datasheet HTML 3Page - National Semiconductor (TI) CGS74B303 Datasheet HTML 4Page - National Semiconductor (TI) CGS74B303 Datasheet HTML 5Page - National Semiconductor (TI) CGS74B303 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics
Over recommended operating conditions unless specified otherwise All typical values are measured at VCC e 5V TA e 25 C
VCC e 45V to 55V
TA e 0 Cto a70 C
Symbol
Parameter
CL e 0 pF–50 pF
Units
RL e 500X
Min
Typ
Max
fMAX
Maximum Input Frequency (Note 2)
110
MHz
tPLH
Propagation Delay CLKn to On
4
85
ns
tPHL
(Note 2)
tPLH
Propagation Delay PRECLR
411
ns
tPHL
tSU
Set Up Time before CLK
5
ns
tW
CLK HI
4
CLK LO
4
ns
CLRPRE
4
Extended AC Electrical Characteristics
Over recommended operating conditions unless specified otherwise All typical values are measured at VCC e 5V TA e 25 C
VCC e 45V to 55V
TA e 0 Cto a70 C
Symbol
Parameter
CL e 0 pF–50 pF
Units
RL e 500X
Min
Typ
Max
tOSHL Q
Maximum Skew Common Edge
05
10
ns
Output-to-Output Variation (Notes 1 2)
tOSLH Q
Maximum Skew Common Edge
05
10
ns
Output-to-Output Variation (Notes 1 2)
tOSHL Q
Maximum Skew Common Edge
Output-to-Output Variation
03
075
ns
(Notes 1 2)
tOSLH Q
Maximum Skew Common Edge
Output-to-Output Variation
03
075
ns
(Notes 1 2)
tOSLHHL QQ
Maximum Skew Common Edge
10
16
ns
Output-to-Output Variation (Notes 1 2)
tPS Q
Maximum Skew Pin (Signal)
10
ns
Transition Variation (Notes 1 2)
trise
RiseFall Time
11
20
tfall
(from 08V20V to 20V08V)
09
20
ns
0 pF – 30 pF Loads
Note 1
Output-to-Output Skew is defined as the absolute value of the difference between the actual propagation delay for any outputs within the same packaged
device The specifications apply to any outputs switching in the same direction either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH) or in opposite directions both
HL and LH (tOST) Parameters tOST and tPS guaranteed by design
Note 2
This device is sensitive to noise due to the large transient currents which occur during multiple switching of the eight outptus VCC by-pass capacitor(s)
chip types must be placed as closely as possible to the VCC pin
Note 3
Refer to Minimum Skew Parameters Measurement Information Chart for definitions of each skew specification
Note 4
All input pulses are from 35V to 03V with rise and fall times of 20 ns
Note 5
Load capacitance includes the test jig
http
www nationalcom
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com