Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS74B303 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CGS74B303
Description  Octal Divide-by-2 Skew Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS74B303 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CGS74B303 Datasheet HTML 1Page - National Semiconductor (TI) CGS74B303 Datasheet HTML 2Page - National Semiconductor (TI) CGS74B303 Datasheet HTML 3Page - National Semiconductor (TI) CGS74B303 Datasheet HTML 4Page - National Semiconductor (TI) CGS74B303 Datasheet HTML 5Page - National Semiconductor (TI) CGS74B303 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF10966
July 1996
CGS74B303 Octal Divide-by-2 Skew Clock Driver
General Description
These minimum skew clock drivers are designed for high
frequency Clock Generation and Support (CGS) applica-
tions These devices are ideal for duty cycle recovery appli-
cations with internal frequency divide-by-2 circuitry The de-
vices guarantee minimum skew across the outputs of a giv-
en device Skew parameters are also provided as a means
to measure duty cycle requirements as those found in high
speed clocking systems
Functional Description
The CGS74B303 contains eight flip-flops designed to have
low skew between outputs The eight outputs (six in-phase
with CLK and two out-of-phase) toggle on successive CLK
pulses PRE and CLR inputs are provided to set Q and Q
outputs high or low independent of CLK pin
Features
Y
Clock Generation and Support (CGS) Devices ideal for
high frequency signal generation or clock distribution
applications
Y
Fabricated on National’s Advanced Bipolar FASTTM LSl
process
Y
1 ns pin-to-pin output skew
Y
Specification for transition skew to meet duty cycle
requirements
Y
Current sourcing 24 mA and current sinking of 48 mA
Y
Low dynamic power consumption above 20 MHz
Y
Guaranteed 4 kV ESD protection
Logic Diagram
Connection Diagram
TLF10966 – 3
Pin Assignment
SOlC (M)
TLF10966 – 1
Pin Description
Pin Names
Description
CLK
Clock Input
Q0–Q7
Outputs
PRE
Preset
CLR
Clear
Truth Table
Inputs
Outputs
CLR
PRE
CLK
Q0–Q5
Q6–Q7
LH
X
L
H
HL
X
H
L
LL
X
L
L
HH
u
Q
Q
HH
L
Q
Q
This state will not persist when CLR PRE returns to high
TRI-STATE
is a registered trademark of National Semiconductor Corporation
FASTTM is a trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M86Printed in U S A
http
www nationalcom


Similar Part No. - CGS74B303

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS74B2525 NSC-CGS74B2525 Datasheet
114Kb / 8P
1-to-8 Minimum Skew Clock Driver
More results

Similar Description - CGS74B303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC304 TI-CDC304 Datasheet
88Kb / 6P
OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
CDC303 TI-CDC303 Datasheet
112Kb / 1P
OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
CDC305 TI-CDC305 Datasheet
114Kb / 7P
OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
logo
Maxim Integrated Produc...
MAX9322 MAXIM-MAX9322 Datasheet
220Kb / 13P
LVECL/LVPECL 1:15 Differential Divide-by-1/Divide-by-2 Clock Driver
Rev 1; 12/02
logo
Hittite Microwave Corpo...
HMC791LC4B HITTITE-HMC791LC4B_10 Datasheet
738Kb / 10P
28 GHz CLOCK DIVIDE-BY-2 / DIVIDE-BY-4
logo
Texas Instruments
SN74AS304 TI1-SN74AS304 Datasheet
171Kb / 7P
OCTAL DIVIDE-BY-2 CIRCUITS/CLOCK DRIVERS
SN74AS305 TI1-SN74AS305 Datasheet
180Kb / 7P
OCTAL DIVIDE-BY-2-CIRCUIT / CLOCK DRIVER
CDC304 TI1-CDC304_09 Datasheet
96Kb / 6P
Octal Divide By 2 Circuit/Clock Driver
SN74AS303 TI1-SN74AS303 Datasheet
174Kb / 7P
OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
logo
Maxim Integrated Produc...
MAX9322 MAXIM-MAX9322_V01 Datasheet
194Kb / 13P
LVECL/LVPECL 1:15 Differential Divide-by-1/Divide-by-2 Clock Driver
19-2544; Rev 2; 2/07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com