Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM494CS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CM494CS
Description  ADVANCED REGULATING PULSE WIDTH MODULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM494CS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CM494CS Datasheet HTML 1Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 6Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 8Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CM494
ADVANCED REGULATING PULSE WIDTH MODULATOR
2000/12/29
Preliminary
Champion Microelectronic Corporation
Page 2
BLOCK DIAGRAM
FUNCTION TABLE
Output Control
Connected to :
Output Function
Ground
VREF
Single-Ended or
Parallel Operation
Push-Pull Alternating
Output
UM495A
Steering Control
(Output Control at
VREF)
Output Function
Vs < 0.4V
Vs > 2.4V
PWM Output at Q1
PWM Output at Q2
ORDERING INFORMATION
Part Number
Temperature Range
Package
CM494CP
0℃ to 70℃
16-PIN DPIP (P16)
CM494CS
0℃ to 70℃
16-PIN SOP (S16)
+
_
+
_
2IN-
2IN+
1IN+
1IN-
1
2
16
15
Error Amplifier 2
Error Amplifier 1
Oscillator
6
5
CT
RT
_
+
_
+
0.1v
Pulse-Steering
Flip-Flop
Dead-Time Control
Comparator
PWM
Comparator
Reference
Regulator
VCC
REF
GND
7
4
DTC
3
FEEDBACK
OUTPUT CTRL
13
E1
C1
11
9
E2
C2
ID
C1
14
12
Q1 8
Q2
10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com