Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM494CS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CM494CS
Description  ADVANCED REGULATING PULSE WIDTH MODULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM494CS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  CM494CS Datasheet HTML 1Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 6Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 8Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CM494
ADVANCED REGULATING PULSE WIDTH MODULATOR
2000/12/29
Preliminary
Champion Microelectronic Corporation
Page 5
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, over recommended operating free-air
temperature range. Vcc = 15V, f = 10Khz, TA=TJ
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output Section
Collector off-state current
VCE = 40V, Vcc = 40V
2
100
µA
Emitter off-state current
Vcc = Vc = 40V, VE = 0
-100
µA
Common-Emitter
VE = 0, lc = 200mA
1.1
1.3
V
Collector-Emitter
Saturation voltage
Emitter-follower
Vc =15 V, lE = -200mA
1.5
2.5
V
Output control input current
Vl = VREF
3.5
mA
PWM Comparator Section
Input threshold voltage (Pin 3)
Zero duty-cycle
4
4.5
V
Input sink current (Pin 3)
V (Pin 3) = 0.7V
0.3
0.7
mA
Steering Control
V (Pin 13) = 0.4V,Q1 ACTIVE
-200
µA
Input current
V (Pin 13) = 2.4V,Q2 ACTIVE
300
µA
Deadband
500
mA
Zener Diode Circuit(UC495A)
Breakdown voltage
Vcc = 45V, lz = 2mA
36
39
.45
V
Sink current
V (Pin 15) = 1V
0.2
0.3
0.6
mA
Total Device
Vcc = 15V
6
10
mA
Standby supply current
Pin 6 at VREF, All other inputs
and outputs open
Vcc = 40V
9
15
mA
Under voltage lockout
3.5
6.5
V
Hysteresis
300
mV
Switching Characteristics(TA = 25℃)
Output voltage rise time
Common-emitter configuration
100
200
ns
Output voltage fall time
RL = 68Ω, CL= 15pF
25
100
ns
Output voltage rise time
Emitter-follower configuration
100
200
ns
Output voltage fall time
RL= 68Ω, CL= 15pF
40
100
ns
Note 1: Duration of the short circuit should not exceed one second.
Note 2: Frequency for other values of CT and RT is approximately f = 1.1/RTCT
Note 3: Standard deviation is measure of the statistical distribution about the mean as derived from the formula:
σ =
n
Σ(Xn -X)
2
n=1
n-1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com