Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM494CS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CM494CS
Description  ADVANCED REGULATING PULSE WIDTH MODULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM494CS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CM494CS Datasheet HTML 1Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 6Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 8Page - List of Unclassifed Manufacturers CM494CS Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CM494
ADVANCED REGULATING PULSE WIDTH MODULATOR
2000/12/29
Preliminary
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
This of PWM modulator provides a complete pulse width
modulation system in a single monolithic integrated circuit.
This device includes a 5V reference accurate to
±1%, two
independent amplifiers usable for both voltage and current
sensing, an externally synchronizable oscillator with its
linear ramp generator, and two-uncommitted transistor
output switches. These two outputs may be operated
either in parallel for single-ended operation or alternating
for push-pull applications with an externally controlled
dead-band. This unit is internally protected against
double-pulsing of a single output or from extraneous
output signals when the input supply voltage is below
minimum.
The CM494 contains an on-chip 39V zener diode for
high-voltage applications where Vcc would be greater
than 40V, and a buffered output steering control that
overrides the internal control of the pulse steering flip-flop.
!
Dual uncommitted 40V, 200mA output transistors.
!
1% accurate 5V reference.
!
Dual error amplifiers.
!
Wide range, variable dead time.
!
Single-ended or push-pull operation.
!
Under-voltage lockout with hysteresis.
!
Double pulse protection.
!
Master or slave oscillator operation.
APPLICATIONS
PIN CONFIGURATION
!
Linear Regulators
!
Adjustable Supplies
!
Switching Power Supplies
!
Battery Operated Computers
!
Instrumentation
!
Computer Disk Drives
16-PIN PDIP/SOP
(Top View)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1IN+
1IN-
FEEDBACK
DTC
CT
RT
GND
C1
2IN+
2IN-
REF
OUTPUT CTRL
VCC
C2
E2
E1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com