Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP03AL220S05LSW Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP03AL220S05LSW
Description  3W 3KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03AL220S05LSW Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP03AL220S05LSW Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03AL220S05LSW Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03AL220S05LSW Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP03AL Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page3 / 3
TYPICAL APPLICATION CIRCUIT
注: Notes: 1. C1 is a ceramic capacitor to filter out high frequency noise. L1 current flows please refer to the technical specifications
provided by the manufacturers, the current derating more than 80%. TVS tube in the module exception protection after the circuit, it is
recommended to use.
2. To meet the needs of customers, the dashed line of the circuit made of the product, named: FB01, as a supporting use of the customer.
3. For technical support, please contact our engineers.
Application circuit parameter typical value
Part Number
FUSE
NTC
MOV1
L1
C1
CY0
TVS Tube
TP03AL220S03LSW
1A/250V
5D-9
10D471K
5mH
0.1μF/50V
1nF/400Vac
SMBJ7.0A
TP03AL220S05LSW
TP03AL220S09LSW
SMBJ12A
TP03AL220S12LSW
SMBJ20A
TP03AL220S15LSW
TP03AL220S24LSW
SMBJ30A
SELECTION GUIDE
TP 03
A
L 220 S 05 LSW
W:4:1 Wide voltage input range
Main (auxiliary) output voltage
S:single output, D:Dual output
Rated input voltage
Package type
AC-DC
Rated output power
Brand name
Load
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com