Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP03AL220S05LSW Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP03AL220S05LSW
Description  3W 3KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03AL220S05LSW Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP03AL220S05LSW Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03AL220S05LSW Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03AL220S05LSW Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP03AL Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page1 / 3
DESCRIPTION:
The rated output power of TP03AL series is 3W with wide input voltage range, for both AC input and DC input application.
High reliability, Low power consumption, safety isolation .Widely used in industrial control and electrical instrumentation,
smart home, which do not have high requirement on EMC.
The EMC external circuit must be added if the products need to be applied to EMC harsh environment .
3W 3KVAC Isolation Wide Input AC/DC Converters
FEATURES
Universal input voltage range
Both for AC and DC input voltage
Low Ripple &Noise
High efficiency, high power density, miniature dimensions
Low power consumption ≤30mW
Overheat protection ,Over current protection
International standard Footprint&Pinouts
Industrial product design
Operating temperature : -40℃ to 70℃
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency (Typ. )
%
Voltage (VAC)
Voltage (VDC)
Current(A)
Rated
Range values
TP03AL220S03LSW
220(4:1)
85-265
3.3
0.60
63
TP03AL220S05LSW
220(4:1)
85-265
5
0.60
68
TP03AL220S09LSW
220(4:1)
85-265
9
0.33
72
TP03AL220S12LSW
220(4:1)
85-265
12
0.25
74
TP03AL220S15LSW
220(4:1)
85-265
15
0.20
76
TP03AL220S24LSW
220(4:1)
85-265
24
0.125
80
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
INPUT CHARACTERISTICS
Input Voltage
85-265VAC (70-400VDC)
Input frequency
47 ~ 440Hz
Input Current ( Typ.)
120mA / 115VAC
60m A / 230VAC
Inrush current( Typ.)
Cold start 13A / 115 VAC
23A / 230 VAC
OUTPUT CHARACTERISTICS
Output Voltage accuracy
±5.0%
±5.0%
±5.0%
±5.0%
±5.0%
±5.0%
Line regulation
±1.5%
±1.5%
±1.5%
±1.5%
±1.5%
±1.5%
Load regulation
±2.5%
±2.5%
±2.5%
±2.5%
±2.5%
±2.5%
GENERAL CHARACTERISTICS
Min. Load
10%
Switch
60(TYP)
Protection
OverLoad protection ,Over current protection, Auto recovery
Operating
environme
nt
Operating temperature
—40 ~ +70 ℃ (According to the output load derating curve)
Operating humidity
85% .RH max
Storage temperature
–40 ~ +85℃
Temperature coefficient
±0.15%/ ℃
Isolation voltage
3000VAC 60S
EMC
EMI
Conduction interference
CISPR22 /EN55022,CLASSA (Typical application circuit diagram 1)
Radiation interference
CISPR22 /EN55022,CLASSA (Typical application circuit diagram 1)
EMS
Static discharge
IEC/EN61000-4-2
±4KV
Radiation immunity
IEC/EN61000-4-3
10V/m
Burst immunity (EFT)
IEC/EN61000-4-4
±2KV
(Typical application circuit diagram 1)
Surge immunity
IEC/EN61000-4-5
±1KV/±2KV
Conducted interference immunity
IEC/EN61000-4-6
3Vr .m.s.
Frequency magnetic field immunity
IEC/EN61000-4-8
10A/m
Others
MTBF
>3000,000hours @ 25℃
Weight
10g
TOPPOWER


Similar Part No. - TP03AL220S05LSW

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03AL220S05LSW TOPPOWER-TP03AL220S05LSW Datasheet
238Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S05LSW TOPPOWER-TP03AL220S05LSW Datasheet
808Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
More results

Similar Description - TP03AL220S05LSW

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03AL TOPPOWER-TP03AL Datasheet
238Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_17 Datasheet
426Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA_17 Datasheet
470Kb / 4P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S15LSW TOPPOWER-TP03AL220S15LSW Datasheet
828Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S03LSW TOPPOWER-TP03AL220S03LSW Datasheet
827Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_19 Datasheet
718Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC_19 TOPPOWER-TP03AC_19_05 Datasheet
713Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_19 Datasheet
808Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V01 Datasheet
249Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V02 Datasheet
426Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com