Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP03AL220S05LSW Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP03AL220S05LSW
Description  3W 3KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03AL220S05LSW Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP03AL220S05LSW Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03AL220S05LSW Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03AL220S05LSW Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP03AL Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page2 / 3
Dimensions
35*21*13mm (L*W*H)
Remarks
1.This model is open Frame, in order to meet the safety requirements of the module primary and secondary external components
2.The data in this manual are measured at TA = 25 ° C, humidity <75%, input nominal voltage (115Vac and 230Vac) and output
rated load,except for special instructions.
3.In order to improve the efficiency of light load conversion, when the module load <30% of the rated load, the module may have
weak audio noise, but does not affect the product performance and reliability.
4. After the module is assembled, it needs to be Dispensing fixed
MECHANICAL DIMENSIONS
12 PIN SIP
1
AC
3
AC
5
+V(cap)
7
-V(cap)
10
-Vo
12
+Vo
1
5.08
35
3
5
7
10
12
7.62
3
3.5
13
1
35.00
35
7
10
12
2.54
2.54
Grid spacing : 2.54mm
PRODUCT SCHEMATIC
RECTIFIES
&
FILTER
POWER
SWITCHING
RECTIFIES
&
FILTER
AC(N)
AC(L)
+Vo
-Vo
RIPPLE AND NOISE TEST METHODS
AC(L)
AC(N)
FUSE
3
7
1
12
10
AC-DC
+Vo
-Vo
CY0
L1
负载
铜箔带
铜箔带
接示波器探头
C1
C2
Notes: CY0 is 1nF / 400VAC Y1 capacitor, L1, C1, C2 Please refer to the external circuit parameters typical
PRODUCT CHARACTERISTICS CURVE
Front view
Side view
Connect to Oscilloscope probe
Load
Copper foil belt
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com