Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6232-01 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FS6232-01
Description  TWO WAY MP MOTHERBOARD CLOCK GENERATOR IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6232-01 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FS6232-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AMERICAN MICROSYSTEMS, INC.
September 2000
9.18.00
2
FS6232-01
FS6232-01
FS6232-01
FS6232-01
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
ISO9001
ISO9001
ISO9001
ISO9001
Table 3: Pin Descriptions
Key: AI = Analog Input; AO = Analog Output; DI = Digital Input; DI
U = Input with Internal Pull-Up; DI
D = Input with Internal Pull-Down; DIO = Digital Input/Output; DI-3 = Three-Level Digital Input,
DO = Digital Output; P = Power/Ground; # = Active-low pin
PIN
TYPE
NAME
DESCRIPTION
SUPPLY
CK48_0
One of two 3.3V 48MHz clock outputs, generated from the non-spread PLL
25
DIO
SEL_A
One of two latched inputs that select the HOST and MREF output frequency
VDD_48
CK48_1
One of two 3.3V 48MHz clock outputs, generated from the non-spread PLL
26
DIO
SEL_B
One of two latched inputs that select the HOST and MREF output frequency
VDD_48
35, 34, 31, 30
DO
CK66_0:3
Four 3.3V 66.67MHz clock outputs, generated from the spread spectrum PLL
VDD_66
50, 51
AO
HOST_P1
HOST_N1
Host clock pair #1; one of six pairs of current-steering differential current-mode outputs. The
current is established via a reference current at IREF and a multiplying factor set by ISEL_0:1
VDD_H
47, 48
AO
HOST_P2
HOST_N2
Host clock pair #2; one of six pairs of current-steering differential current-mode outputs
VDD_H
44, 45
AO
HOST_P3
HOST_N3
Host clock pair #3; one of six pairs of current-steering differential current-mode outputs
VDD_H
41, 42
AO
HOST_P4
HOST_N4
Host clock pair #4; one of six pairs of current-steering differential current-mode outputs
VDD_H
39
AI
IREF
A fixed precision resistor from this pin to ground provides a reference current used for the dif-
ferential current-mode HOST clock outputs
VDD
54
DO
MREF_N
One clock (180° out of phase with MREF_P) in a pair of outputs provided as a reference clock
to a memory clock driver
VDD_M
55
DO
MREF_P
One clock in a pair of outputs provided as a reference clock to a memory clock driver
VDD_M
8, 9, 11, 12,
14, 15, 17, 18,
20, 21
DO
PCI_0:9
Ten 3.3V 33.3MHz PCI clocks, lagging the CK66 clock by 1.5 to 3.5ns
VDD_P
28
DI
PWR_DWN#
Asynchronous active-low LVTTL power-down signal shuts down oscillator and PLL, puts all
clocks in low state. Complete clock cycles on all outputs will occur before shut down begins.
VDD_48
REF_0
One of two 3.3V buffered copies of the crystal reference frequency clock
2DIO
ISEL_0
One of two latched inputs that select the multiplying factor of the IREF reference current for the
HOST pair outputs
VDD_R
REF_1
One of two 3.3V buffered copies of the crystal reference frequency clock
3DIO
ISEL_1
One of two latched inputs that select the multiplying factor of the IREF reference current for the
HOST pair outputs
VDD_R
23
DI
SEL133/100# Selects 133MHz (logic high) or 100MHz (logic low) Host clock frequency
VDD_48
52
DI
SS_EN#
Active low spread-spectrum enable turns on spread spectrum modulation
VDD_M
38
P
VDD
3.3V core power supply
-
27
P
VDD_48
3.3V power supply for CK48 clock outputs
-
29, 36
P
VDD_66
3.3V power supply for CK66 clock outputs
-
43, 49
P
VDD_H
3.3V power supply for the differential HOST clock outputs
-
56
P
VDD_M
3.3V power supply for MREF clock outputs
-
10, 16, 22
P
VDD_P
3.3V power supply for PCI clock outputs
-
4
P
VDD_R
3.3V power supply for the REF clock output and the crystal oscillator
-
37
P
VSS
Core ground
-
24
P
VSS_48
Ground for the CK48 clock outputs
-
32, 33
P
VSS_66
Ground for the CK66 clock outputs
40, 46
P
VSS_H
Ground for the differential HOST clock outputs
-
53
P
VSS_M
Ground for the MREF clock outputs
-
7, 13, 19
P
VSS_P
Ground for the PCI clock outputs
-
1
P
VSS_R
Ground for the REF clock outputs and the crystal oscillator
-
5
AI
XIN
14.318MHz crystal oscillator input
VDD_R
6
AO
XOUT
14.318MHz crystal oscillator output
VDD_R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com