Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6232-01 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # FS6232-01
Description  TWO WAY MP MOTHERBOARD CLOCK GENERATOR IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6232-01 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button FS6232-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AMERICAN MICROSYSTEMS, INC.
September 2000
9.18.00
13
FS6232-01
FS6232-01
FS6232-01
FS6232-01
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
ISO9001
ISO9001
ISO9001
ISO9001
Table 20: 56-pin TSSOP (6.1mm) Package Dimensions
DIMENSIONS
INCHES
MILLIMETERS
MIN.
MAX.
MIN.
MAX.
A
-
0.047
-
1.20
A1
0.002
0.006
0.05
0.15
b
0.0067
0.011
0.17
0.27
c
0.0035
0.008
0.09
0.20
D
0.547
0.555
13.9
14.1
E
0.318 BSC
8.10 BSC
E1
0.236
0.244
6.00
6.20
e
0.019 BSC
0.50 BSC
L
0.018
0.030
0.45
0.75
S
0.008
-
0.20
-
θ1
0
°
8
°
0
°
8
°
θ2
12° REF
12° REF
θ3
12° REF
12° REF
E
1
AMERICAN MICROSYSTEMS, INC.
E
1
56
be
D
A
1
SEATING PLANE
A
c
L
θ
1
θ
3
θ
2
S
Table 21: 56-pin TSSOP (6.1mm) Package Characteristics
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
TYP.
UNITS
Thermal Impedance, Junction to Free-Air
ΘJA
Air flow = 0 m/s
81
°C/W
Longest trace + wire
4.04
Lead Inductance, Self
L11
Shortest trace + wire
1.38
nH
Longest trace + wire to first adjacent trace
2.20
L12
Shortest trace + wire to first adjacent trace
0.72
Longest trace + wire to next adjacent trace
1.43
Lead Inductance, Mutual
L13
Shortest trace + wire to next adjacent trace
0.48
nH
Longest trace + wire to VSS
0.63
Lead Capacitance, Bulk
C11
Shortest trace + wire to VSS
0.21
pF
Longest trace + wire to first adjacent trace
0.31
C12
Shortest trace + wire to first adjacent trace
0.07
Longest trace + wire to next adjacent trace
0.04
Lead Capacitance, Mutual
C13
Shortest trace + wire to next adjacent trace
0.01
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com