Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6232-01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FS6232-01
Description  TWO WAY MP MOTHERBOARD CLOCK GENERATOR IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6232-01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FS6232-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AMERICAN MICROSYSTEMS, INC.
September 2000
9.18.00
3
FS6232-01
FS6232-01
FS6232-01
FS6232-01
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
ISO9001
ISO9001
ISO9001
ISO9001
2.0
Programming Information
Table 4: Function/Clock Enable Configuration
CONTROL INPUTS
CLOCK OUTPUTS (MHz)
PWR_
DWN#
SEL
133/100#
SEL_A
SEL_B
HOST_P
1:4
HOST_N
1:4
MREF_P,
MREF_N
CK66_
0:3
PCI_
0:9
CK48_
0:1
REF
1
0
0
0
100.00
100.00
50.00
66.67
33.33
48.008
14.318
1
0
0
1
reserved
reserved
reserved
reserved
reserved
reserved
reserved
1
0
1
0
reserved
reserved
reserved
reserved
reserved
reserved
reserved
1
0
1
1
tristate
tristate
tristate
tristate
tristate
tristate
tristate
1
1
0
0
133.33
133.33
66.67
66.67
33.33
48.008
14.318
1
1
0
1
reserved
reserved
reserved
reserved
reserved
reserved
reserved
1
1
1
0
reserved
reserved
reserved
reserved
reserved
reserved
reserved
1
1
1
1
XIN ÷ 2
XIN ÷ 2
XIN ÷ 4
XIN ÷ 4
XIN ÷ 8
XIN ÷ 2
XIN
0X
X
X
2
× IREF
tristate
low
low
low
low
low
Table 5: Synthesis Error
CLOCK
TARGET
(MHz)
ACTUAL
(MHz)
DEVIATION
(ppm)
100.0000
99.9963
-36.657
HOST_P1:4,
HOST_N1:4
133.3333
133.3072
-195.924
50.0000
49.9982
-36.657
MREF_P,
MREF_N
66.6667
66.6536
-195.924
CK66
66.6667
66.6642
-36.657
PCI
33.3333
33.3321
-36.657
CK48
(1)
48.000
48.008
+167
1.
48MHz USB clock is required to be +167ppm off from 48.000MHz to conform to USB
standards.
2.
Spread spectrum is disabled
3.0
HOST Buffer Current Control
The current supplied at the HOST outputs is controlled by
two parameters:
1) the value of the programming resistor from the IREF
pin to ground (VSS), and
2) the multiplier factor determined by the logic setting of
the ISEL_0 and ISEL_1 pins.
3.1
Current Reference
The HOST output current is a mirrored and scaled copy
of the reference current flowing through the programming
resistor on the IREF pin. Conceptually, the circuit given in
Figure 2 shows how the mirror current is generated.
The voltage that appears at the IREF pin is one-third of
the voltage at the VDD_I pin. The reference current is
IREF
REF
R
I
 ×
=
VDD_I
3
1
.
3.2
Current Scaling
The mirrored reference current can be increased by
adding one or more copies of the mirror current together.
The additional current is controlled by the logic settings
on the ISEL_0 and ISEL_1 pins.
Table 6: Current Multiplier
ISEL_0
ISEL_1
MULTPLIER
00
IO = 5
× IREF
01
IO = 6
× IREF
10
IO = 4
× IREF
11
IO = 7
× IREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com